Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFE201210U-R33M Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # DFE201210U-R33M
Description  Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DFE201210U-R33M Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  DFE201210U-R33M Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DFE201210U-R33M Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L size
2.0 ±0.2mm
W size
1.2 ±0.2mm
T size
1.0 mm
Size code in inch (mm)
0805 (2012)
Rated current (Isat) is specified when the decrease of the initial
inductance value at 30%. (The ambient reference temperature is 20℃.)
Rated current (Itemp) is specified when temperature of inductor the is
raised 40℃ by DC current. (The ambient reference temperature is 20℃.)
Packaging
code
Specifications
Minimum quantity
=P2
φ
180mm Embossed taping
3000
Mass (Typ.)
1 piece
0.0147g
Inductance
0.33µH ±20%
Inductance test frequency
1MHz
Rated current (Isat) (Based on Inductance change)
5200mA
Rated current (Itemp) (Based on Temperature rise)
3400mA
Max. of DC resistance
0.031Ω
Operating temperature range (Self-temperature rise is included)
-40〜125℃
Class of magnetic shield
Metal Alloy
Absolute maximum voltage
20V DC
Series
DFE201210U
DFE201210U-R33M# “#”indicatesapackagespecificationcode.
< List of part numbers with package codes >
DFE201210U-R33M=P2
Shape
Notes
References
Specifications
Last updated: 2017/07/04
1 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/


Similar Part No. - DFE201210U-R33M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DFE201210U-R33M TOKO-DFE201210U-R33M Datasheet
210Kb / 1P
The use of Flat wire for Low DC resistance
DFE201210U-R33M TOKO-DFE201210U-R33M Datasheet
210Kb / 1P
Metal Alloy Inductors
logo
Murata Manufacturing Co...
DFE201210U-R33M MURATA-DFE201210U-R33M Datasheet
999Kb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
logo
Kinetic Technologies.
DFE201210U-R33M KINETIC-DFE201210U-R33M Datasheet
1Mb / 25P
3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
December 2021 - Revision 04b
logo
Murata Manufacturing Co...
DFE201210U-R33M# MURATA-DFE201210U-R33M# Datasheet
999Kb / 2P
Rated current (Isat) is specified when the decrease of the initial inductance value at 30%
More results

Similar Description - DFE201210U-R33M

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-504 RHOMBUS-IND-L-504 Datasheet
39Kb / 1P
INDUCTOR
05/03/01
L-687 RHOMBUS-IND-L-687 Datasheet
17Kb / 1P
INDUCTOR
09/08/00
L-705 RHOMBUS-IND-L-705 Datasheet
38Kb / 1P
INDUCTOR
6/26/01
logo
KR Electronics, Inc.
2224 KR-2224 Datasheet
19Kb / 1P
Inductor
logo
XFMRS Inc.
XF1305-102 XFMRS-XF1305-102 Datasheet
41Kb / 1P
INDUCTOR
XF1606T-XXX XFMRS-XF1606T-XXX Datasheet
45Kb / 1P
INDUCTOR
XF636025SH XFMRS-XF636025SH Datasheet
49Kb / 1P
INDUCTOR
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
logo
XFMRS Inc.
1XF0100-VO XFMRS-1XF0100-VO Datasheet
51Kb / 1P
INDUCTOR
6XFXXX6-S3P XFMRS-6XFXXX6-S3P Datasheet
58Kb / 1P
INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com