Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM-012ST Datasheet(PDF) 2 Page - Rohm

Part # SIM-012ST
Description  High power chip sensor, side view type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SIM-012ST Datasheet(HTML) 2 Page - Rohm

  SIM-012ST Datasheet HTML 1Page - Rohm SIM-012ST Datasheet HTML 2Page - Rohm SIM-012ST Datasheet HTML 3Page - Rohm SIM-012ST Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SIM-012ST
Sensors
2/3
Electrical and optical characteristics (Ta = 25
°C)
Parameter
Symbol
PO
IE
fC
IR
VF
∆λ
λP
θ1 / 2
tr·tf
Min.
−
0.9
−
−
−
−
−
−
−
Typ.
3.5
−
1.2
−
950
40
±12
1.0
1.0
Max.
−
1.5
7.1
10
−
−
−
−
−
Unit
mW
mW/sr
IF
=20mA
IF
=20mA
IF
=20mA
VR
=3V
IF
=20mA
IF
=20mA
IF
=20mA
IF
=20mA
IF
=20mA
µA
nm
nm
V
deg
MHz
µs
Conditions
Optical output
Emitting strength
Forward voltage
Reverse current
peak light emitting wavelength
Spectral line half width
Half-viewing angle
Pesponse time
Cut-off frrequency
Electrical and optical characteristic curves
AMBIENT TEMPERATURE : Ta (
°C)
−20
0
40
60
80
20
100
0
20
10
30
40
50
Fig.1 Forward current faloff
FORWARD VOLTAGE : VF (V)
0
2
1
0
10
20
30
40
50
Fig.2
Forward current vs.
forward voltage
75
°C
50
°C
25
°C
0
°C
−25°C
Fig.3 Emitting strength vs.
forward currnt
FORWARD CURRENT : IF
(mA)
10
020
30
40
0
2
4
6
8
Fig.4 Relative emitting strength
vs.ambient temperature
AMBIENT TEMPERATURE : Ta (
°C)
−25
−50
25
100
50
75
10
100
1000
0
OPTICAL WAVELENGTH :
λ (nm)
900
920
940
960
980
1000
0
20
40
60
80
100
Fig.5 Wavelength



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com