Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM0102 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMM0102
Description  Metal Film, Cylindrical Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMM0102 Datasheet(HTML) 2 Page - Vishay Siliconix

  SMM0102 Datasheet HTML 1Page - Vishay Siliconix SMM0102 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.vishay.com
23
SMM0102
Vishay Draloric
Document Number 20003
Revision 24-Jun-02
For Technical Questions contact : ff1aresistors@vishay.com
Metal Film, Cylindrical Resistors
1) For a resistance range from 10
Ω to 1MΩ
PACKAGING
MODEL
REEL
BULK
TAPE WIDTH
DIAMETER
PIECES / REEL
CODE
BULK FEEDING MAGAZINE
PIECES / MAGAZINE
CODE
SMM0102
8mm
180mm
1000
B1*
OMM0102
Blistertape
180mm
3000
B3
8000
M8
330mm
10000
B0
PERFORMANCE
TEST
CONDITIONS OF TEST
REQUIREMENTS1)
Endurance Test at 70
°C
1000 hours at 70
°C, 1.5 hours "ON", 0.5 hours "OFF"
≤ ± 0.25%
IEC 60115-1 4.25.1
8000 hours at 70
°C, 1.5 hours "ON", 0.5 hours "OFF"
≤ ± 0.5%
Endurance at UCT
1000 hours at 125
°C without load
≤ ± 0.5%
IEC 60115-1 4.25.3
Overload Test
Short time overload for 2 seconds at 6.25 x rated power
≤ ± 0.1%
IEC 60115-1 4.13
Thermal Shock
Rapid change between upper and lower category temperature
≤ ± 0.1%
IEC 60115-1 4.19 IEC 60068-2-14
Damp Heat Steady State
56 days at 40
°C and 93% relative humidity
≤ ± 0.5%
IEC 60115-1 4.24 IEC 60068-2-3
Resistance to Soldering Heat
10 seconds at 260
°C solder bath temperature
≤ ± 0.1%
IEC 60115-1 4.18 IEC 60068-2-20
MODEL
DIMENSIONS [in millimeters]
Dmax
d *
L
A max
A min
SMM0102
1.1
D -0.05
2.2 - 0.15
0.45
0.35
* d measured in the middle of the resistor
SOLDER PAD DIMENSIONS [in millimeters]
MODEL
REFLOW SOLDERING
WAVE SOLDERING
ab
l
a
b
l
SMM0102
0.5
1.3
1.3
0.6
1.3
1.3
• For further information about packaging see appropriate catalog or web page
*For
≤ TC25 and Tol. ≤ 0.5% only
DIMENSIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com