Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD2736SAL Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD2736SAL
Description  PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2736SAL Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD2736SAL Datasheet HTML 1Page - Advanced Linear Devices ALD2736SAL Datasheet HTML 2Page - Advanced Linear Devices ALD2736SAL Datasheet HTML 3Page - Advanced Linear Devices ALD2736SAL Datasheet HTML 4Page - Advanced Linear Devices ALD2736SAL Datasheet HTML 5Page - Advanced Linear Devices ALD2736SAL Datasheet HTML 6Page - Advanced Linear Devices ALD2736SAL Datasheet HTML 7Page - Advanced Linear Devices ALD2736SAL Datasheet HTML 8Page - Advanced Linear Devices ALD2736SAL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ALD2736A/ALD2736
Advanced Linear Devices
4 of 9
Design & Operating Notes:
1. The ALD2736A/ALD2736 CMOS operational amplifier uses a 3 gain
stage architecture and an improved frequency compensation
scheme to achieve large voltage gain, high output driving capability,
and better frequency stability. In a conventional CMOS operational
amplifier design, compensation is achieved with a pole splitting
capacitor together with a nulling resistor. This method is, however,
very bias dependent and thus cannot accommodate the large range
of supply voltage operation as is required from a stand alone CMOS
operational amplifier. The ALD2736A/ALD2736 is internally com-
pensated for unity gain stability using a novel scheme that does not
use a nulling resistor. This scheme produces a clean single pole roll
off in the gain characteristics while providing for more than 70
degrees of phase margin at the unity gain frequency.
2. The ALD2736A/ALD2736 has complementary p-channel and n-
channel input differential stages connected in parallel to accomplish
rail to rail common mode input voltage ranges. This means that with
the ranges of common mode input voltage close to the power
supplies, one of the two differential stages is switched off internally.
To maintain compatibility with other operational amplifiers, this
switching point has been selected to be about 1.5V below the positive
supply voltage. Since offset voltage trimming on the ALD2736A/
ALD2736 is made when the input voltage is symmetrical to the supply
voltages, this internal switching does not affect a large variety of
applications such as an inverting amplifier or non-inverting amplifier
with a gain larger than 2.5 (5V operation), where the common mode
voltage does not make excursions below this switching point. The
user should, however, be aware that this switching does take place
if the operational amplifier is connected as a unity gain buffer and
should make provisions in the design to allow for input offset voltage
variations.
3. The input bias and offset currents are essentially input protection
diode reverse bias leakage currents, and are typically 0.01pA at room
temperature. This low input bias current assures that the analog
signal from the source will not be distorted by input bias currents.
Normally, this extremely high input impedance of greater than 1014Ω
would not be a problem as the source impedance would limit the node
impedance. However, for applications where source impedance is
very high, it may be necessary to limit noise and hum pickup through
proper shielding.
4. The output stage consists of class AB complementary output drivers,
capable of driving a low resistance load. The output voltage swing is
limited by the drain to source on-resistance of the output transistors
as determined by the bias circuitry, and the value of the load resistor.
When connected in the voltage follower configuration, the oscillation
resistant feature, combined with the rail to rail input and output
feature, makes an effective analog signal buffer for medium to high
source impedance sensors, transducers, and other circuit networks.
5. The ALD2736A/ALD2736 operational amplifier has been designed to
provide full static discharge protection. Internally, the design has
been carefully implemented to minimize latch up. However, care
must be exercised when handling the device to avoid strong static
fields that may degrade a diode junction, causing increased input
leakage currents. In using the operational amplifier, the user is
advised to power up the circuit before, or simultaneously with, any
input voltages applied and to limit input voltages to not exceed 0.3V
of the power supply voltage levels.
6. The ALD2736A/ALD2736, with its micropower operation, offers
numerous benefits in reduced power supply requirements, less
noise coupling and current spikes, less thermally induced drift,
better overall reliability due to lower self heating, and lower input
bias current. It requires practically no warm up time as the chip
junction heats up to only 0.1°C above ambient temperature under
most operating conditions.
7. The ALD2736A/ALD2736 has an internal design architecture that
provides robust high temperature operation. Contact factory for
custom screening versions.
TYPICAL PERFORMANCE CHARACTERISTICS
SUPPLY CURRENT AS A FUNCTION
OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
100
60
0
20
80
40
0
±1
±2
±3
±4
±5
±6
INPUTS GROUNDED
OUTPUT UNLOADED
TA = -55°C
+125°C
-25°C
+70°C
+25°C
COMMON MODE INPUT VOLTAGE RANGE
AS A FUNCTION OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
±5
±3
0
±1
±4
±2
0
±1
±2
±3
±4
±5
±6
±6
TA = 25°C
OPEN LOOP VOLTAGE GAIN AS A
FUNCTION OF LOAD RESISTANCE
LOAD RESISTANCE (Ω)
10M
10K
100K
1M
1000
100
10
1
VS = ±2.5V
TA = 25°C
INPUT BIAS CURRENT AS A FUNCTION
OF AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (°C)
100
10
1.0
0.01
0.1
1000
+100
-25
0
+75
+125
+50
+25
-50
VS = ±2.5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com