Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB1SA2V Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # MB1SA2V
Description  Single Board Precision DVM with direct PC Interface
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

MB1SA2V Datasheet(HTML) 3 Page - Advanced Linear Devices

  MB1SA2V Datasheet HTML 1Page - Advanced Linear Devices MB1SA2V Datasheet HTML 2Page - Advanced Linear Devices MB1SA2V Datasheet HTML 3Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev 2.0 © 2012 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
MB1S
www.aldinc.com
3 of 3
ALD500/ALD521D Chipset
For complete technical information and operating specifications for the ALD chipset as well as other
ALD products, you can download complete datasheets on-line.
Environmental
Operating Temperature range: 0 to 50º C.
Storage Temperature range: -40 to +85 ºC.
Humidity: To 90% (no condensation).
Protection: No shielding - open board construction.
Mechanical
Outline Dimensions: 2.00 in. x 2.40 in. x 0.5 in.
Mounting Holes: 0.125 in. diameter @ 0.125 in from 4 corners
Weight: 1 ounce (28 grams) Nominal
Ordering Information
MB1S or MB1SA2V (MODE A, DVM Mode)
MB1S-ND Tyyyy
where Tyyyy is a Custom Part Number designator
MB1SAxxV (Custom Option)
where xx specifies the input voltage range,
e.g. xx=20 for +/- 20V input voltage range
MBCDROM (optional MS-DOS software for user operation, setup, and calibration,
and user design documentation.)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com