Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SU9V-R10008 Datasheet(PDF) 1 Page - Kemet Corporation

Part # SU9V-R10008
Description  SU Coils, SU 9V/9H Type
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SU9V-R10008 Datasheet(HTML) 1 Page - Kemet Corporation

  SU9V-R10008 Datasheet HTML 1Page - Kemet Corporation SU9V-R10008 Datasheet HTML 2Page - Kemet Corporation SU9V-R10008 Datasheet HTML 3Page - Kemet Corporation SU9V-R10008 Datasheet HTML 4Page - Kemet Corporation SU9V-R10008 Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0016_SU9V/9H • 6/16/2014
One world. One KEMET
Benefits
• Widevarietyofsizesandspecifications
• Inductances up to 18 mH
• Rated Currents up to 1.0 A
• DCResistancesaslowas0.3Ω
Overview
TheKEMETSUCoils,SU9V/9HTypeAClinefiltersareoffered
inawidevarietyofsizesandspecifications.
Applications
• Consumer Electronics
• Common mode choke
AC Line Filters
SU Coils, SU 9V/9H Type
Part Number System
SU
9
V-
R
02
140
Series
Core Size (mm)
Core Orientation
Core Type
Rated Current (A)
Minimum Inductance (mH)
SU
9 = 9.0
V- = Vertical
H- = Horizontal
Blank = Standard
R = High permeability
0x = 0.x A (e.g., 02 = 0.2 A)
xx = x.x A (e.g., 10 = 1.0 A)
xx0 = xx mH (e.g., 140 = 14 mH)
0xx = x.x mH (e.g., 020 = 2.0 mH)
00x = 0.x mH (e.g., 005 = 0.5 mH)
AC Line Filters
26
• Rated voltage: 250VAC
• Withstanding voltage: AC 2400V (2 sec between lines)
• Insulation resistance: at 500VDC, more than 100M (between lines)
• Thermal class: E (120˚C)
• Operating temperature range (˚C): –25 to T (T=120–temperature rise)
• Inductance measurement condition: 1kHz, 1V, KC530
Shape and Dimensions
Model
DC resistance
( /line)
max.
Temperature
rise(K)
max.
Inductance
(mH)
min.
Weight
approx.
(g)
Rated
current
(A)
Numbering System
SU 9 V -
01 100
Series
Core size
Core Type(V : vertical type, H : horizontal type)
Core Type(R : high permeability core)
Current rating(01 shows 0.1A)
Inductance (100 shows 10mH)
SU Coils
SU 9V/9H Type
[RoHS Compliant]
SU Coils
SU 9V/9H Type
[RoHS Compliant]
SU9V/H-01100
8.0
SU9V/H-02080
6.0
0.1
0.2
10
8.0
3.0
3.2
40
40
SU9V/H-03050
3.0
0.3
5.0
3.4
40
SU9V/H-05020
1.0
0.5
2.0
3.5
40
SU9V/H-07010
0.6
0.7
1.0
3.5
40
SU9V/H-10005
0.3
1.0
0.5
3.4
40
SU9V/H-R01180
8.0
0.1
18
3.0
40
SU9V/H-R02140
6.0
0.2
14
3.2
40
SU9V/H-R03090
3.0
0.3
9.0
3.4
40
SU9V/H-R05034
1.0
0.5
3.4
3.5
40
SU9V/H-R07017
0.6
0.7
1.7
3.5
40
SU9V/H-R10008
0.3
1.0
0.8
3.4
40
01100
02080
03050
05020
07010
10005
R 01180
R 02140
R 03090
R 05034
R 07017
R 10008
Marking
SU9V
SU9H
ø0.6
17 max.
8.0±0.5
7.0±0.5
11 max.
17 max.
8.0±0.5
8.0
8.0
ø0.6
15.5 max.
7.0±0.5
Common mode


Similar Part No. - SU9V-R10008

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SU9V-R10008 KEMET-SU9V-R10008 Datasheet
464Kb / 7P
Common Mode SU Coils, 9V/9H Series
More results

Similar Description - SU9V-R10008

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SU9VF-02100 KEMET-SU9VF-02100 Datasheet
387Kb / 5P
SU Coils, SU 9VF/9HF Type
SU9V-07010 KEMET-SU9V-07010 Datasheet
79Kb / 1P
Commercial Grade, SU-9V/9H, 1000 uH
SU10VFC-R03370 KEMET-SU10VFC-R03370 Datasheet
379Kb / 5P
SU Coils, SU 10VFC-R Type
SU7VC-02120 KEMET-SU7VC-02120 Datasheet
350Kb / 4P
SU Coils, SU 7VC Type
SU7VC-2120 KEMET-SU7VC-2120 Datasheet
362Kb / 4P
SU Coils, SU 7VC Type
SU9VF-2100 KEMET-SU9VF-2100 Datasheet
306Kb / 4P
SU Coils, SU 9VF/9HF Type
SU9V-R2140 KEMET-SU9V-R2140 Datasheet
367Kb / 5P
SU Coils, SU 9V/9H Type
SU10VFC-R3370 KEMET-SU10VFC-R3370 Datasheet
298Kb / 4P
SU Coils, SU 10VFC-R Type
SU16VD-3040 KEMET-SU16VD-3040 Datasheet
284Kb / 4P
SU Coils, SU 16VD High Frequency Type
SU9H-01100 KEMET-SU9H-01100_V01 Datasheet
464Kb / 7P
Common Mode SU Coils, 9V/9H Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com