Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F100LE Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R5F100LE
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LE Datasheet(HTML) 5 Page - Renesas Technology Corp

  R5F100LE Datasheet HTML 1Page - Renesas Technology Corp R5F100LE Datasheet HTML 2Page - Renesas Technology Corp R5F100LE Datasheet HTML 3Page - Renesas Technology Corp R5F100LE Datasheet HTML 4Page - Renesas Technology Corp R5F100LE Datasheet HTML 5Page - Renesas Technology Corp R5F100LE Datasheet HTML 6Page - Renesas Technology Corp R5F100LE Datasheet HTML 7Page - Renesas Technology Corp R5F100LE Datasheet HTML 8Page - Renesas Technology Corp R5F100LE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 202 page
background image
RL78/G13
1. OUTLINE
Page 5 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
Table 1-1. List of Ordering Part Numbers
(2/12)
Pin
count
Package
Data
flash
Fields of
Application
Note
Ordering Part Number
Mounted
A
G
R5F1008AALA#U0, R5F1008CALA#U0, R5F1008DALA#U0,
R5F1008EALA#U0
R5F1008AALA#W0, R5F1008CALA#W0, R5F1008DALA#W0,
R5F1008EALA#W0
R5F1008AGLA#U0, R5F1008CGLA#U0, R5F1008DGLA#U0,
R5F1008EGLA#U0
R5F1008AGLA#W0, R5F1008CGLA#W0, R5F1008DGLA#W0,
R5F1008EGLA#W0
25 pins
25-pin plastic
WFLGA (3
3 mm,
0.5 mm pitch)
Not
mounted
A
R5F1018AALA#U0, R5F1018CALA#U0, R5F1018DALA#U0,
R5F1018EALA#U0
R5F1018AALA#W0, R5F1018CALA#W0, R5F1018DALA#W0,
R5F1018EALA#W0
Mounted
A
D
G
R5F100AAASP#V0, R5F100ACASP#V0, R5F100ADASP#V0,
R5F100AEASP#V0, R5F100AFASP#V0, R5F100AGASP#V0
R5F100AAASP#X0, R5F100ACASP#X0, R5F100ADASP#X0
R5F100AEASP#X0, R5F100AFASP#X0, R5F100AGASP#X0
R5F100AADSP#V0, R5F100ACDSP#V0, R5F100ADDSP#V0,
R5F100AEDSP#V0, R5F100AFDSP#V0, R5F100AGDSP#V0
R5F100AADSP#X0, R5F100ACDSP#X0, R5F100ADDSP#X0,
R5F100AEDSP#X0, R5F100AFDSP#X0, R5F100AGDSP#X0
R5F100AAGSP#V0, R5F100ACGSP#V0,
R5F100ADGSP#V0,R5F100AEGSP#V0,
R5F100AFGSP#V0, R5F100AGGSP#V0
R5F100AAGSP#X0, R5F100ACGSP#X0,
R5F100ADGSP#X0,R5F100AEGSP#X0,
R5F100AFGSP#X0, R5F100AGGSP#X0
30 pins
30-pin plastic LSSOP
(7.62 mm (300), 0.65
mm pitch)
Not
mounted
A
D
R5F101AAASP#V0, R5F101ACASP#V0, R5F101ADASP#V0,
R5F101AEASP#V0, R5F101AFASP#V0, R5F101AGASP#V0
R5F101AAASP#X0, R5F101ACASP#X0, R5F101ADASP#X0,
R5F101AEASP#X0, R5F101AFASP#X0, R5F101AGASP#X0
R5F101AADSP#V0, R5F101ACDSP#V0, R5F101ADDSP#V0,
R5F101AEDSP#V0, R5F101AFDSP#V0, R5F101AGDSP#V0
R5F101AADSP#X0, R5F101ACDSP#X0, R5F101ADDSP#X0,
R5F101AEDSP#X0, R5F101AFDSP#X0, R5F101AGDSP#X0
Mounted
A
D
G
R5F100BAANA#U0, R5F100BCANA#U0, R5F100BDANA#U0,
R5F100BEANA#U0, R5F100BFANA#U0, R5F100BGANA#U0
R5F100BAANA#W0, R5F100BCANA#W0, R5F100BDANA#W0,
R5F100BEANA#W0, R5F100BFANA#W0, R5F100BGANA#W0
R5F100BADNA#U0, R5F100BCDNA#U0, R5F100BDDNA#U0,
R5F100BEDNA#U0, R5F100BFDNA#U0, R5F100BGDNA#U0
R5F100BADNA#W0, R5F100BCDNA#W0, R5F100BDDNA#W0,
R5F100BEDNA#W0, R5F100BFDNA#W0, R5F100BGDNA#W0
R5F100BAGNA#U0, R5F100BCGNA#U0, R5F100BDGNA#U0,
R5F100BEGNA#U0, R5F100BFGNA#U0, R5F100BGGNA#U0
R5F100BAGNA#W0, R5F100BCGNA#W0, R5F100BDGNA#W0,
R5F100BEGNA#W0, R5F100BFGNA#W0, R5F100BGGNA#W0
32 pins
32-pin plastic
HWQFN (5
5 mm,
0.5 mm pitch)
Not
mounted
A
D
R5F101BAANA#U0, R5F101BCANA#U0, R5F101BDANA#U0,
R5F101BEANA#U0, R5F101BFANA#U0, R5F101BGANA#U0
R5F101BAANA#W0, R5F101BCANA#W0, R5F101BDANA#W0,
R5F101BEANA#W0, R5F101BFANA#W0, R5F101BGANA#W0
R5F101BADNA#U0, R5F101BCDNA#U0, R5F101BDDNA#U0,
R5F101BEDNA#U0, R5F101BFDNA#U0, R5F101BGDNA#U0
R5F101BADNA#W0, R5F101BCDNA#W0, R5F101BDDNA#W0,
R5F101BEDNA#W0, R5F101BFDNA#W0, R5F101BGDNA#W0
Note
For the fields of application, refer to Figure 1-1 Part Number, Memory Size, and Package of RL78/G13.
Caution The ordering part numbers represent the numbers at the time of publication. For the latest ordering
part numbers, refer to the target product page of the Renesas Electronics website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com