Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F1007F Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # R5F1007F
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F1007F Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button R5F1007F Datasheet HTML 105Page - Renesas Technology Corp R5F1007F Datasheet HTML 106Page - Renesas Technology Corp R5F1007F Datasheet HTML 107Page - Renesas Technology Corp R5F1007F Datasheet HTML 108Page - Renesas Technology Corp R5F1007F Datasheet HTML 109Page - Renesas Technology Corp R5F1007F Datasheet HTML 110Page - Renesas Technology Corp R5F1007F Datasheet HTML 111Page - Renesas Technology Corp R5F1007F Datasheet HTML 112Page - Renesas Technology Corp R5F1007F Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 202 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
C)
Page 109 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
2.5.2 Serial interface IICA
(1) I
2C standard mode
(TA =
40 to +85C, 1.6 V  EVDD0 = EVDD1  VDD  5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
HS (high-speed
main) Mode
LS (low-speed
main) Mode
LV (low-voltage
main) Mode
Parameter
Symbol
Conditions
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Unit
2.7 V
 EVDD0  5.5 V
0
100
0
100
0
100
kHz
1.8 V
 EVDD0  5.5 V
0
100
0
100
0
100
kHz
1.7 V
 EVDD0  5.5 V
0
100
0
100
0
100
kHz
SCLA0 clock frequency
fSCL
Standard
mode:
fCLK
 1 MHz
1.6 V
 EVDD0  5.5 V
0
100
0
100
kHz
2.7 V
 EVDD0  5.5 V
4.7
4.7
4.7
s
1.8 V
 EVDD0  5.5 V
4.7
4.7
4.7
s
1.7 V
 EVDD0  5.5 V
4.7
4.7
4.7
s
Setup time of restart
condition
tSU:STA
1.6 V
 EVDD0  5.5 V
4.7
4.7
s
2.7 V
 EVDD0  5.5 V
4.0
4.0
4.0
s
1.8 V
 EVDD0  5.5 V
4.0
4.0
4.0
s
1.7 V
 EVDD0  5.5 V
4.0
4.0
4.0
s
Hold time
Note 1
tHD:STA
1.6 V
 EVDD0  5.5 V
4.0
4.0
s
2.7 V
 EVDD0  5.5 V
4.7
4.7
4.7
s
1.8 V
 EVDD0  5.5 V
4.7
4.7
4.7
s
1.7 V
 EVDD0  5.5 V
4.7
4.7
4.7
s
Hold time when SCLA0 =
“L”
tLOW
1.6 V
 EVDD0  5.5 V
4.7
4.7
s
2.7 V
 EVDD0  5.5 V
4.0
4.0
4.0
s
1.8 V
 EVDD0  5.5 V
4.0
4.0
4.0
s
1.7 V
 EVDD0  5.5 V
4.0
4.0
4.0
s
Hold time when SCLA0 =
“H”
tHIGH
1.6 V
 EVDD0  5.5 V
4.0
4.0
s
2.7 V
 EVDD0  5.5 V
250
250
250
ns
1.8 V
 EVDD0  5.5 V
250
250
250
ns
1.7 V
 EVDD0  5.5 V
250
250
250
ns
Data setup time
(reception)
tSU:DAT
1.6 V
 EVDD0  5.5 V
250
250
ns
2.7 V
 EVDD0  5.5 V
0
3.45
0
3.45
0
3.45
s
1.8 V
 EVDD0  5.5 V
0
3.45
0
3.45
0
3.45
s
1.7 V
 EVDD0  5.5 V
0
3.45
0
3.45
0
3.45
s
Data hold time
(transmission)
Note 2
tHD:DAT
1.6 V
 EVDD0  5.5 V
0
3.45
0
3.45
s
2.7 V
 EVDD0  5.5 V
4.0
4.0
4.0
s
1.8 V
 EVDD0  5.5 V
4.0
4.0
4.0
s
1.7 V
 EVDD0  5.5 V
4.0
4.0
4.0
s
Setup time of stop
condition
tSU:STO
1.6 V
 EVDD0  5.5 V
4.0
4.0
s
2.7 V
 EVDD0  5.5 V
4.7
4.7
4.7
s
1.8 V
 EVDD0  5.5 V
4.7
4.7
4.7
s
1.7 V
 EVDD0  5.5 V
4.7
4.7
4.7
s
Bus-free time
tBUF
1.6 V
 EVDD0  5.5 V
4.7
4.7
s
(Notes, Caution and Remark are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com