Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F1007F Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # R5F1007F
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F1007F Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button R5F1007F Datasheet HTML 108Page - Renesas Technology Corp R5F1007F Datasheet HTML 109Page - Renesas Technology Corp R5F1007F Datasheet HTML 110Page - Renesas Technology Corp R5F1007F Datasheet HTML 111Page - Renesas Technology Corp R5F1007F Datasheet HTML 112Page - Renesas Technology Corp R5F1007F Datasheet HTML 113Page - Renesas Technology Corp R5F1007F Datasheet HTML 114Page - Renesas Technology Corp R5F1007F Datasheet HTML 115Page - Renesas Technology Corp R5F1007F Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 202 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
C)
Page 112 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
(3) I
2C fast mode plus
(TA =
40 to +85C, 1.6 V  EVDD0 = EVDD1  VDD  5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
HS (high-speed
main) Mode
LS (low-speed
main) Mode
LV (low-voltage
main) Mode
Parameter
Symbol
Conditions
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Unit
SCLA0 clock frequency
fSCL
Fast mode plus:
fCLK
 10 MHz
2.7 V
 EVDD0  5.5 V
0
1000
kHz
Setup time of restart
condition
tSU:STA
2.7 V
 EVDD0  5.5 V
0.26
s
Hold time
Note 1
tHD:STA
2.7 V
 EVDD0  5.5 V
0.26
s
Hold time when SCLA0 =
“L”
tLOW
2.7 V
 EVDD0  5.5 V
0.5
s
Hold time when SCLA0 =
“H”
tHIGH
2.7 V
 EVDD0  5.5 V
0.26
s
Data setup time
(reception)
tSU:DAT
2.7 V
 EVDD0  5.5 V
50
s
Data hold time
(transmission)
Note 2
tHD:DAT
2.7 V
 EVDD0  5.5 V
0
0.45
s
Setup time of stop
condition
tSU:STO
2.7 V
 EVDD0  5.5 V
0.26
s
Bus-free time
tBUF
2.7 V
 EVDD0  5.5 V
0.5
s
Notes 1.
The first clock pulse is generated after this period when the start/restart condition is detected.
2.
The maximum value (MAX.) of tHD:DAT is during normal transfer and a wait state is inserted in the ACK
(acknowledge) timing.
Caution
The values in the above table are applied even when bit 2 (PIOR2) in the peripheral I/O redirection
register (PIOR) is 1. At this time, the pin characteristics (IOH1, IOL1, VOH1, VOL1) must satisfy the
values in the redirect destination.
Remark
The maximum value of Cb (communication line capacitance) and the value of Rb (communication line
pull-up resistor) at that time in each mode are as follows.
Fast mode plus: Cb = 120 pF, Rb = 1.1 k
IICA serial transfer timing
tLOW
tR
tBUF
tHIGH
tF
tHD:STA
Stop
condition
Start
condition
Restart
condition
Stop
condition
tSU:DAT
tSU:STA
tSU:STO
tHD:STA
tHD:DAT
SCLAn
SDAAn
Remark
n = 0, 1
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com