Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F1007F Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # R5F1007F
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F1007F Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button R5F1007F Datasheet HTML 111Page - Renesas Technology Corp R5F1007F Datasheet HTML 112Page - Renesas Technology Corp R5F1007F Datasheet HTML 113Page - Renesas Technology Corp R5F1007F Datasheet HTML 114Page - Renesas Technology Corp R5F1007F Datasheet HTML 115Page - Renesas Technology Corp R5F1007F Datasheet HTML 116Page - Renesas Technology Corp R5F1007F Datasheet HTML 117Page - Renesas Technology Corp R5F1007F Datasheet HTML 118Page - Renesas Technology Corp R5F1007F Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 202 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
C)
Page 115 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
(2) When reference voltage (+) = AVREFP/ANI0 (ADREFP1 = 0, ADREFP0 = 1), reference voltage (
) =
AVREFM/ANI1 (ADREFM = 1), target pin : ANI16 to ANI26
(TA =
40 to +85C, 1.6 V  EVDD0 = EVDD1  VDD  5.5 V, 1.6 V  AVREFP  VDD  5.5 V, VSS = EVSS0 = EVSS1 = 0 V,
Reference voltage (+) = AVREFP, Reference voltage (
) = AVREFM = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
RES
8
10
bit
1.8 V
 AVREFP  5.5 V
1.2
5.0
LSB
Overall error
Note 1
AINL
10-bit resolution
EVDD0 = AVREFP = VDD
Notes 3, 4
1.6 V
 AVREFP  5.5 V Note
5
1.2
8.5
LSB
3.6 V
 VDD  5.5 V
2.125
39
s
2.7 V
 VDD  5.5 V
3.1875
39
s
1.8 V
 VDD  5.5 V
17
39
s
Conversion time
tCONV
10-bit resolution
Target ANI pin : ANI16 to
ANI26
1.6 V
 VDD  5.5 V
57
95
s
1.8 V
 AVREFP  5.5 V
0.35
%FSR
Zero-scale error
Notes 1, 2
EZS
10-bit resolution
EVDD0 = AVREFP = VDD
Notes 3, 4
1.6 V
 AVREFP  5.5 V Note
5
0.60
%FSR
1.8 V
 AVREFP  5.5 V
0.35
%FSR
Full-scale error
Notes 1, 2
EFS
10-bit resolution
EVDD0 = AVREFP = VDD
Notes 3, 4
1.6 V
 AVREFP  5.5 V Note
5
0.60
%FSR
1.8 V
 AVREFP  5.5 V
3.5
LSB
Integral linearity error
Note
1
ILE
10-bit resolution
EVDD0 = AVREFP = VDD
Notes 3, 4
1.6 V
 AVREFP  5.5 V Note
5
6.0
LSB
1.8 V
 AVREFP  5.5 V
2.0
LSB
Differential linearity
error
Note 1
DLE
10-bit resolution
EVDD0 = AVREFP = VDD
Notes 3, 4
1.6 V
 AVREFP  5.5 V Note
5
2.5
LSB
Analog input voltage
VAIN
ANI16 to ANI26
0
AVREFP
and EVDD0
V
Notes 1. Excludes quantization error (
1/2 LSB).
2. This value is indicated as a ratio (%FSR) to the full-scale value.
3. When AVREFP < VDD, the MAX. values are as follows.
Overall error: Add
1.0 LSB to the MAX. value when AVREFP = VDD.
Zero-scale error/Full-scale error: Add
0.05%FSR to the MAX. value when AVREFP = VDD.
Integral linearity error/ Differential linearity error: Add
0.5 LSB to the MAX. value when AVREFP = VDD.
4. When AVREFP < EVDD0
 VDD, the MAX. values are as follows.
Overall error: Add
4.0 LSB to the MAX. value when AVREFP = VDD.
Zero-scale error/Full-scale error: Add
0.20%FSR to the MAX. value when AVREFP = VDD.
Integral linearity error/ Differential linearity error: Add
2.0 LSB to the MAX. value when AVREFP = VDD.
5. When the conversion time is set to 57
s (min.) and 95 s (max.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com