Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB1M Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # MB1M
Description  BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

MB1M Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  MB1M Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. MB1M Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
35
50
MB05M
70
Polarity:As Marked on Case
Mechanical Data
Case:Reliable low cost construction
utilizing molded plastic technique
Terminals:Plated Leads Solderable per MIL-
STD-202,Method208
·
· Mounting Position:Any
· Marking:Type Number
· Ideal for printed circuit board
· Surge overload rating-30A peak
· Designed for Surface Mount Application
· Plastic Material-UL Flammability 94V-0
·
·
Features
· Glass Passivated Die Construction
· Low leakage
Rating at 25℃ ambient temperature unless otherwise specified.
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics
VRRM
VRWM
VDC
VRMS
VFM
CJ
RθJA
RθJL
TJ,TSTG
0.5
0.8
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
Average Rectified Output Current (Note 1)@TA=40℃
(Note 2)@TA=40℃
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
Peak Reverse Current
@TA=25℃
At Rated DC Blocking Voltage
@TA=125℃
Operating and Storage Temperature Range
RMS Reverse Voltage
-55to+150
℃
Note:1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
2. Mounted on aluminum substrate PC board with 1.3mm
2 solder pad.
uA
Typical Junction Capacitance per leg
13
pF
Typical Thermal Resistance per leg (Note 3)
20
℃/W
IR
5.0
500
A
Forward Voltage per element
@IF=0.8A
1.1
V
IFSM
30
UNITS
V
V
IO
A
1000
TYPE NUMBER
0.236 6.0
0.213 5.4
0.004
0.012
0.30
0.10
0.179
0.203
4.55
5.15
0.193
4.90
0.134
0.157
3.4
4.0
0.028
0.016
0.7
0.4
(
)
(
)
(
)
(
)
(
)
MBM
0.051(1.3)
0.035(0.9)
0.106(2.7)
0.091(2.3)
(
)
(
)
0.106(2.7)
0.091(2.3)
(
)
0.177(4.50)
(
)
Dimiensions in inches and(milimeters)
(
)
(
)
SYMBOL
MB1M MB2M MB4M MB6M MB8M MB10M
70
140
280
420
560
700
100
200
400
600
800
MB05M-MB10M
BRIDGE RECTIFIERS
http://www.trr-jx.com


Similar Part No. - MB1M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB1M MCC-MB1M Datasheet
101Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
TAITRON Components Inco...
MB1M TAITRON-MB1M Datasheet
144Kb / 4P
0.5A Glass Passivated Bridge Rectifier
logo
Shanghai Lunsure Electr...
MB1M CHENYI-MB1M Datasheet
70Kb / 2P
0.5Amp single phase glass passivated bridge retifier 50to1000 volts
logo
GREATECS
MB1M GREATECS-MB1M Datasheet
298Kb / 1P
SMT Multi-Direction Switches
logo
Microdiode Semiconducto...
MB1M CHENDA-MB1M Datasheet
564Kb / 3P
0.5A Glass Passivated Bridge Rectifier
More results

Similar Description - MB1M

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
Bridge Rectifiers
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Semikron International
CS10S SEMIKRON-CS10S Datasheet
200Kb / 2P
Bridge rectifiers
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
Bridge Rectifiers
DF005S FAIRCHILD-DF005S_10 Datasheet
121Kb / 3P
Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
Bridge Rectifiers
logo
Dongguan City Niuhang E...
KBL4005 NIUHANG-KBL4005 Datasheet
4Mb / 5P
BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBJ35005 JUXING-GBJ35005 Datasheet
950Kb / 2P
BRIDGE RECTIFIERS
GBU6005G JUXING-GBU6005G Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com