Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6388 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST6388
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6388 Datasheet(HTML) 5 Page - STMicroelectronics

  ST6388 Datasheet HTML 1Page - STMicroelectronics ST6388 Datasheet HTML 2Page - STMicroelectronics ST6388 Datasheet HTML 3Page - STMicroelectronics ST6388 Datasheet HTML 4Page - STMicroelectronics ST6388 Datasheet HTML 5Page - STMicroelectronics ST6388 Datasheet HTML 6Page - STMicroelectronics ST6388 Datasheet HTML 7Page - STMicroelectronics ST6388 Datasheet HTML 8Page - STMicroelectronics ST6388 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
5/82
ST6380, ST6381, ST6382, ST6383, ST6388, ST6389
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST6380, ST6381, ST6382, ST6383, ST6388,
ST6389 microcontrollers are members of the 8-bit
HCMOS ST638x family, a series of devices spe-
cially oriented to TV applications. Different ROM
size and peripheral configurations are available to
give the maximum application and cost flexibility.
All ST638x members are based on a building
block approach: a common core is surrounded by
a combination of on-chip peripherals (macrocells)
available from a standard library. These peripher-
als are designed with the same Core technology
providing full compatibility and short design time.
Many of these macrocells are specially dedicated
to TV applications. The macrocells of the ST638x
family are: two Timer peripherals each including
an 8-bit counter with a 7-bit software programma-
ble prescaler (Timer), a digital hardware activated
watchdog function (DHWD), a 14-bit voltage syn-
thesis tuning peripheral, a Serial Peripheral Inter-
face (SPI), up to six 6-bit PWM D/A converters, up
to 7 8-bit A/D Converter, an on-screen display
(OSD) with 20 characters per line and 192 charac-
ters (in one bank). In addition the following memo-
ry resources are available: program ROM (up to
20K), data RAM (256 bytes), EEPROM (384
bytes). Refer to pin configurations figures and to
ST638x device summary (Table 1) for the defini-
tion of ST638x family members and a summary of
differences among the different types.
Table 1. Device Summary
Device
ROM
(Bytes)
RAM
(Bytes)
EEPROM
(Bytes)
ADC
VS
D/A
Colour
Pins
Emulating Devices
ST6380
8K
256
384
Yes
Yes
6
3
ST63T88, ST63E88
ST6381
8K
256
384
Yes
Yes
4
3
ST63T89, ST63E89
ST6382
16K
256
384
Yes
Yes
6
3
ST63T88, ST63E88
ST6383
16K
256
384
Yes
Yes
4
3
ST63T89, ST63E89
ST6388
20K
256
384
Yes
Yes
6
3
ST63T88, ST63E88
ST6389
20K
256
384
Yes
Yes
4
3
ST63T89, ST63E89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com