Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7465 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7465
Description  Step-Down DC to DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7465 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7465_14 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7465_14 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7465_14 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7465_14 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7465_14 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7465_14 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7465_14 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7465_14 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7465_14 Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev. 1.10
2
April 18, 2014
HT7465
Block Diagram
Regulator
Under-voltage
lockout
EN
NC
Amplifier
Current
Sense
Control
Logic
Current Sense
Soft-Start
PWM Comparator
OSC
240/380kHz
Error
Amplifier
0.92V
SCP
COMP
FB
VIN
BS
SW
5V
GND
+
-
+
-
+
-
Pin Assignment
1
2
3
4
8
7
6
5
BS
VIN
SW
GND
NC
EN
COMP
FB
HT7465
8 SOP-A
(Exposed Pad)
PAD
(GND)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com