Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7718 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT7718
Description  PFM Asynchronous Step-up DC to DC Converter (100mA)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7718 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT7718 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7718 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7718 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7718 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7718 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7718 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7718 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7718 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7718 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
HT77xx
Rev 2.00
5
June 25, 2016
O u t p u t C u r r e n t ( m A )
2 . 8 0
2 . 7 5
2 . 7 0
2 . 6 5
2 . 6 0
2 . 5 5
2 . 5 0
0
2 0
4 0
6 0
8 0
1 0 0
1 2 0
1 4 0
V I N = 2 . 0 V
V I N = 1 . 8 V
V I N = 1 . 6 V
V I N = 1 . 2 V
HT7727 Output Voltage v.s Output Current
O u t p u t C u r r e n t ( m A )
9 0
8 5
8 0
7 5
7 0
6 5
6 0
5 5
0
2 0
4 0
6 0
8 0
1 0 0
1 2 0
1 4 0
V I N = 2 . 0 V
V I N = 1 . 8 V
V I N = 1 . 6 V
V I N = 1 . 2 V
HT7727 Efficiency v.s Output Current
O u t p u t C u r r e n t ( m A )
1 . 0
0 . 9
0 . 8
0 . 7
0 . 6
0 . 5
0 . 4
0 . 3
0 . 2
0 . 1
0 . 0
0
2
4
6
8
1 0
1 2
1 4
1 6
1 8
S t a r t u p
H o l d o n
HT7727 Start-Up& Hold-On Voltage
O u t p u t C u r r e n t ( m A )
1 . 2
1 . 0
0 . 8
0 . 6
0 . 4
0 . 2
0 . 0
0
2
4
6
8
1 0
1 2
1 4
1 6
1 8
2 0
S t a r t u p
H o l d o n
HT7722 Start-Up& Hold-On Voltage
O u t p u t C u r r e n t ( m A )
9 0
8 0
7 0
6 0
5 0
4 0
3 0
2 0
1 0
0
0
2 0
4 0
6 0
8 0
1 0 0
1 2 0
1 4 0
V I N = 2 . 0 V
V I N = 1 . 8 V
V I N = 1 . 5 V
V I N = 1 . 2 V
HT7722 Efficiency v.s Output Current
O u t p u t C u r r e n t ( m A )
2 . 2 2
2 . 2 0
2 . 1 8
2 . 1 6
2 . 1 4
2 . 1 2
2 . 1 0
2 . 0 8
0
2 0
4 0
6 0
8 0
1 0 0
1 2 0
1 4 0
V I N = 2 . 0 V
V I N = 1 . 8 V
V I N = 1 . 5 V
V I N = 1 . 2 V
HT7722 Output Voltage v.s Output Current
2 . 6 5 0
2 . 6 6 2
2 . 6 7 4
2 . 6 8 6
2 . 6 9 8
2 . 7 1 0
- 4 0
- 1 5
1 0
3 5
6 0
8 5
T e m p e r a t u r e ( ° C )
I o u t = 1 m A
I o u t = 1 0 m A
HT7727 Temperature v.s Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com