Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7727 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7727
Description  PFM Asynchronous Step-up DC to DC Converter (100mA)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7727 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7727 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7727 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7727 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7727 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7727 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7727 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7727 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7727 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7727 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Thermal Information
Symbol
Parameter
Package
Max.
Unit
qJA
Thermal Resistance
(Junction to Ambient)
(Assume no ambient airflow,
no heat sink)
SOT89
300
°C/W
TO92
300
°C/W
SOT23
330
°C/W
SOT23-5
320
°C/W
PD
Power Dissipation
SOT89
0.33
W
TO92
0.33
W
SOT23
0.3
W
SOT23-5
0.31
W
Note: PD is measured at Ta= 25
°C
Electrical Characteristics
VIN=VOUT
´0.6; IOUT=10mA; Ta=25°C (Unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
¾¾
¾
6V
DVOUT
Output Voltage Tolerance
¾-2.5
¾
2.5
%
VSTART
Start-up Voltage (Fig. 1)
VIN:0
®2V; IOUT=1mA
¾
0.7
0.9
V
VHOLD
Minimum Hold-on Voltage (Fig. 1) VIN:2
®0V; IOUT=1mA
¾¾
0.7
V
IIN
No-load Input Current (Fig. 1)
IOUT=0mA
¾
10
20
mA
IDD1
Supply Current 1 (Fig. 2)
VS=VOUT
´0.95
Measured at VOUT pin
VOUT=1.8V
¾
35
50
mA
VOUT=2.2V
¾
37
55
VOUT=2.7V
¾
40
60
VOUT=3.0V
¾
45
68
VOUT=3.3V
¾
55
81
VOUT=3.7V
¾
64
85
VOUT=5.0V
¾
85
134
IDD2
Supply Current 2 (Fig. 2)
VS=VOUT+0.5V
Measured at VOUT pin
¾
47
mA
ISHDN
Shutdown Current
CE=GND
¾
0.5
1
mA
VIH
CE High Threshold
¾
2
¾¾
V
VIL
CE Low Threshold
¾¾
¾
0.4
V
ILEAK
LX Leakage Current (Fig. 3)
VS=VOUT+0.5V, VX=6V
Measured at the LX pin
¾¾
0.9
mA
fOSC
Maximum Oscillator Frequency
(Fig. 3)
VS=VOUT
´0.95
Measured at LX pin
¾
115
¾
kHz
DOSC
Oscillator Duty Cycle (Fig. 3)
VS=VOUT
´0.95
Measured at LX pin
65
75
85
%
h
Efficiency
VOUT
£2.2V
¾
80
¾
%
VOUT
³2.7V
¾
85
¾
Note:
Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Ratings
indicate conditions for which the device is intended to be functional, but do not guarantee specific performance
limits. The guaranteed specifications apply only for the test conditions listed.
HT77xx
Rev 2.00
3
June 25, 2016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com