Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XZMEF151W Datasheet(PDF) 1 Page - SunLED Corporation

Part # XZMEF151W
Description  Long life and robust package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZMEF151W Datasheet(HTML) 1 Page - SunLED Corporation

  XZMEF151W Datasheet HTML 1Page - SunLED Corporation XZMEF151W Datasheet HTML 2Page - SunLED Corporation XZMEF151W Datasheet HTML 3Page - SunLED Corporation XZMEF151W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Part Number: XZMEF151W
1.6 x 0.2 mm Right Angle SMD Chip LED Lamp
Jan 06, 2017
XDSB7398 V4-X Layout: Maggie L.
P. 1/4
Package Schematics
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1(0.004") unless otherwise noted.
3. Specifications are subject to change without notice.
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Absolute Maximum Ratings
(TA=25°C)
Red
(AlGaInP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
20
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
100
mA
Power Dissipation
PD
48
mW
Operating Temperature
TA
-40 ~ +85
°
C
Storage Temperature
Tstg
-40 ~ +100
Operating Characteristics
(TA=25°C)
Red
(AlGaInP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.05
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.4
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission CIE127-2007* (Typ.)
(IF=20mA)
λP
632*
nm
Wavelength of Dominant
Emission CIE127-2007* (Typ.)
(IF=20mA)
λD
624*
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
△
λ
20
nm
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous Intensity
CIE127-2007*
(IF=20mA)
mcd
Wavelength
CIE127-2007*
nm
λP
min.
typ.
XZMEF151W
Red
AlGaInP
Water Clear
80
50*
198
118*
632*
Viewing
Angle
2θ 1/2
150°
*Luminous intensity value and wavelength are in accordance with CIE127-2007 standards.
Features
● Ideal for indication light on hand held products
● Long life and robust package
● Standard Package: 4,000pcs/ Reel
● MSL (Moisture Sensitivity Level): 3
● RoHS compliant
A Relative Humidity between 40% and 60% is recommended in
ESD-protected work areas to reduce static build up during assembly
process (Reference JEDEC/JESD625-A and JEDEC/J-STD-033)


Similar Part No. - XZMEF151W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZMECBDDG45S SUNLED-XZMECBDDG45S Datasheet
372Kb / 5P
Long life and robust package
XZMECBDDG45SHTA SUNLED-XZMECBDDG45SHTA Datasheet
431Kb / 10P
3.5x2.8mm PLCC4 SMD LED
XZMEDGCBD56W SUNLED-XZMEDGCBD56W Datasheet
304Kb / 4P
Low current operation
XZMEKXMYK161W SUNLED-XZMEKXMYK161W Datasheet
315Kb / 4P
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
Apr 24,2023
XZMEKXVG161W SUNLED-XZMEKXVG161W Datasheet
309Kb / 4P
2.5 x 0.7 mm Right Angle SMD Chip LED Lamp
Apr 24,2023
More results

Similar Description - XZMEF151W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZM2CRK55W-2 SUNLED-XZM2CRK55W-2 Datasheet
264Kb / 4P
Long life and robust package
XZM2CRK78W SUNLED-XZM2CRK78W Datasheet
271Kb / 4P
Long life and robust package
XZM2CYK45W50MAV-6 SUNLED-XZM2CYK45W50MAV-6 Datasheet
246Kb / 4P
Long life and robust package
XZM2CYK60W SUNLED-XZM2CYK60W Datasheet
247Kb / 4P
Long life and robust package
XZM2DG67WT SUNLED-XZM2DG67WT Datasheet
244Kb / 4P
Long life and robust package
XZM2MR53W-8 SUNLED-XZM2MR53W-8 Datasheet
243Kb / 4P
Long life and robust package
XZM2MRTNI55W-8 SUNLED-XZM2MRTNI55W-8 Datasheet
285Kb / 4P
Long life and robust package
XZMDK45WT-9 SUNLED-XZMDK45WT-9 Datasheet
266Kb / 4P
Long life and robust package
XZMDK53W-3 SUNLED-XZMDK53W-3 Datasheet
256Kb / 4P
Long life and robust package
XZMDK56W SUNLED-XZMDK56W Datasheet
260Kb / 4P
Long life and robust package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com