Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TG25C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TG25C
Description  TRIAC竊뉹SOLATED TYPE竊
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TG25C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TG25C Datasheet HTML 1Page - List of Unclassifed Manufacturers TG25C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
TG25C/E/D
;
Peak Gate Voltage(10V)
Peak
Gate
Power
(
10W
)
Gate
Distribution
Ave
ra
ge G
ate
P
ow
er(1
W
)
−25℃
25℃
125℃
Maximum Gate Voltage that will not trigger any unit
Gate Characteristics
Gate Current(mA)
2
2
2
2
2
5
5
2
5
5
5
10
1
10
0
10
−1
10
1
10
2
10
3
On-State Voltage
On-State Voltage(V)
10
3
5
2
10
2
5
2
10
1
5
1
0
2
5
4
3
On State Current vs.
Maximum Power Dissipation
RMS On-State Current(A)
20
30
40
10
5
0
25
35
15
0
10
5
20
15
30
25
θ=180゜
θ=150゜
θ=120゜
θ=90゜
θ=60゜
θ=30゜
: Conduction Angle
360
。
2
60
80
100
120
50
70
90
110
130
On State Current vs.
Allowable Case Temperature
RMS On-State Current(A)
10
5
20
25
30
0
15
θ=30゜
θ=60゜
θ=90゜
θ=120゜
θ=150゜
θ=180゜
: Conduction Angle
360
。
2
0
5
15
10
20
25
Ambient temp. vs. RMS On-State Current
Maximum Allowable Ambient Temperature(℃)
20
40
0
60
80
120
100
140
θ
:150゜
:1.05
θ
:120゜
:1.16
θ
: 90゜
:1.27
θ
: 60゜
:1.44
θ
: 30゜
:1.75
Conduction Angle 180゜
Apply following figures for
different conduction angles
(Rth:heat Sink Thermal Impedance)
F-60 Rth 1 53
Self convection
F-40 Rth 2 95
Self convection
F-40 3m/s
Rth 1 28
F-60 3m/s
Rth 0 65
0
50
150
100
200
250
Surge On-State Current Rating
(Non-Repetitive)
Time(cycles)
2
5
10
0
10
1
2
5
10
2
50Hz
60Hz
Tj=25℃ start
10
ー3
10
ー2
10
ー1
10
0
10
1
10
2
10
3
10
4
Time
t(sec)
6
5
4
3
2
1
0
6
5
4
3
2
1
0
Transient Thermal Impedance
Junction to case
F-40
Self convection
F-60
Self convection
F-40 3m/s
F-60 3m/s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com