Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV911 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSV911
Description  Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV911 Datasheet(HTML) 5 Page - STMicroelectronics

  TSV911 Datasheet HTML 1Page - STMicroelectronics TSV911 Datasheet HTML 2Page - STMicroelectronics TSV911 Datasheet HTML 3Page - STMicroelectronics TSV911 Datasheet HTML 4Page - STMicroelectronics TSV911 Datasheet HTML 5Page - STMicroelectronics TSV911 Datasheet HTML 6Page - STMicroelectronics TSV911 Datasheet HTML 7Page - STMicroelectronics TSV911 Datasheet HTML 8Page - STMicroelectronics TSV911 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TSV91x, TSV91xA
Absolute maximum ratings and operating
conditions
DocID12584 Rev 10
5/27
(9)Charged device model: all pins plus packages are charged together to the specified voltage and then
discharged directly to the ground.
Table 3: Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-40 °C < Top < 125 °C
2.5 to 5.5
V
0 °C < Top < 125 °C
2.3 to 5.5
Vicm
Common mode input voltage range
(VCC-) - 0.1 to (VCC+) + 0.1
Top
Operating free air temperature range
-40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com