Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV912 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSV912
Description  Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV912 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSV912 Datasheet HTML 9Page - STMicroelectronics TSV912 Datasheet HTML 10Page - STMicroelectronics TSV912 Datasheet HTML 11Page - STMicroelectronics TSV912 Datasheet HTML 12Page - STMicroelectronics TSV912 Datasheet HTML 13Page - STMicroelectronics TSV912 Datasheet HTML 14Page - STMicroelectronics TSV912 Datasheet HTML 15Page - STMicroelectronics TSV912 Datasheet HTML 16Page - STMicroelectronics TSV912 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TSV91x, TSV91xA
Electrical characteristic curves
DocID12584 Rev 10
13/27
Figure 8: Voltage gain and phase vs. frequency at VCC
= 2.5 V and Vicm = 0.5 V
Figure 9: Voltage gain and phase vs. frequency at VCC
= 5.5 V and Vicm = 0.5 V
Figure 10: Phase margin vs. capacitive load
Figure 11: Phase margin vs. output current
Figure 12: Positive slew rate
Figure 13: Negative slew rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com