Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV621A Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSV621A
Description  Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV621A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSV621A Datasheet HTML 5Page - STMicroelectronics TSV621A Datasheet HTML 6Page - STMicroelectronics TSV621A Datasheet HTML 7Page - STMicroelectronics TSV621A Datasheet HTML 8Page - STMicroelectronics TSV621A Datasheet HTML 9Page - STMicroelectronics TSV621A Datasheet HTML 10Page - STMicroelectronics TSV621A Datasheet HTML 11Page - STMicroelectronics TSV621A Datasheet HTML 12Page - STMicroelectronics TSV621A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
DocID14912 Rev 3
9/24
Document header RPN(s)
Electrical characteristics
24
Figure 1. Input offset voltage vs input common
mode at VCC+ = 1.5 V
Figure 2. Input offset voltage vs input common
mode at VCC+ = 5 V
-0.2
-0.2
0.0
0.0
0.2
0.2
0.4
0.4
0.6
0.6
0.8
0.8
1.0
1.0
1.2
1.2
1.4
1.4
1.6
1.6
-0.5
-0.5
-0.4
-0.4
-0.3
-0.3
-0.2
-0.2
-0.1
-0.1
0.0
0.0
0.1
0.1
0.2
0.2
0.3
0.3
0.4
0.4
0.5
0.5
Input Common Mode Voltage (V)
0.0
0.0
1.0
1.0
2.0
2.0
3.0
3.0
4.0
4.0
5.0
5.0
-0.4
-0.4
-0.2
-0.2
0.0
0.0
0.2
0.2
0.4
0.4
Input Common Mode Voltage (V)
Figure 3. Supply current vs. supply voltage at
Vicm = VCC/2
Figure 4. Output current vs. output voltage at
VCC += 1.5 V
Figure 5. Output current vs. output voltage at
VCC+ = 5 V
Figure 6. Voltage gain and phase vs. frequency
at VCC+ = 1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com