Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV621AILT Datasheet(PDF) 23 Page - STMicroelectronics

Part # TSV621AILT
Description  Rail-to-rail input/output 29 μA 420 kHz CMOS operational amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV621AILT Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TSV621AILT Datasheet HTML 16Page - STMicroelectronics TSV621AILT Datasheet HTML 17Page - STMicroelectronics TSV621AILT Datasheet HTML 18Page - STMicroelectronics TSV621AILT Datasheet HTML 19Page - STMicroelectronics TSV621AILT Datasheet HTML 20Page - STMicroelectronics TSV621AILT Datasheet HTML 21Page - STMicroelectronics TSV621AILT Datasheet HTML 22Page - STMicroelectronics TSV621AILT Datasheet HTML 23Page - STMicroelectronics TSV621AILT Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
DocID14912 Rev 3
23/24
Document header RPN(s)
Revision history
24
6
Revision history
Table 13. Document revision history
Date
Revision
Changes
12-Jan-2009
1
Initial release.
19-Oct-2009
2
Added TSV620 device (version with shutdown function).
Added Table 4: Shutdown characteristics VCC = 1.8 V.
Added Table 7: Shutdown characteristics VCC = 5 V.
Added Section 3.4: Shutdown function (TSV620) on page 13.
Added Section 4.2: SOT23-6 package mechanical data.
Added Section 4.4: SC70-6 (or SOT323-6) package mechanical
data.
Added order codes in Table 12.
10-May-2017
3
Table 3
, Table 5, and Table 6: changed “DVio to ∆Vio/∆T, updated
VOH parameter information, changed min. values for VOH parameter
to max. values.
Figure 21
, Figure 22, Table 8, and Table 9: removed “L” from titles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com