Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV714 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSV714
Description  EMI hardened operational amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV714 Datasheet(HTML) 1 Page - STMicroelectronics

  TSV714 Datasheet HTML 1Page - STMicroelectronics TSV714 Datasheet HTML 2Page - STMicroelectronics TSV714 Datasheet HTML 3Page - STMicroelectronics TSV714 Datasheet HTML 4Page - STMicroelectronics TSV714 Datasheet HTML 5Page - STMicroelectronics TSV714 Datasheet HTML 6Page - STMicroelectronics TSV714 Datasheet HTML 7Page - STMicroelectronics TSV714 Datasheet HTML 8Page - STMicroelectronics TSV714 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
March 2013
DocID023707 Rev 2
1/29
29
TSV711, TSV712, TSV714
High accuracy (200
μV) micropower 14 μA, 150 kHz
5 V CMOS operational amplifiers
Datasheet
- preliminary data
Features
• Low offset voltage: 200 µV max.
• Low power consumption: 10 µA at 5 V
• Low supply voltage: 1.5 V to 5.5 V
• Gain bandwidth product: 150 kHz typ.
• Low input bias current: 1 pA typ.
• Rail-to-rail input and output
• EMI hardened operational amplifiers
• High tolerance to ESD: 4 kV HBM
• Extended temperature range: -40 to +125 °C
Benefits
• Higher accuracy without calibration
• Energy saving
• Guaranteed operation on low-voltage battery
Related products
• See the TSV73 series (900 kHz for 60 μA) for
higher gain bandwidth products
Applications
• Battery powered applications
• Portable devices
• Signal conditioning
• Active filtering
• Medical instrumentation
Description
The TSV71x series of single, dual, and quad
operational amplifiers offer low-voltage operation,
rail-to-rail input and output, and excellent
accuracy (Vio lower than 200 μV at 25 ° C).
These devices benefit from STMicroelectronics®
5 V CMOS technology and offer an excellent
speed/power consumption ratio (150 kHz typical
gain bandwidth) while consuming less than 14
μA
at 5 V. The TSV71x series also feature an
ultra-low input bias current.
The single version (TSV711), the dual version
(TSV712), and the quad version (TSV714) are
housed in the smallest industrial packages.
These characteristics make the TSV71x family
ideal for sensor interfaces, battery-powered and
portable applications, and active filtering.
Single (TSV711)
SC70-5
DFN8 2x2
MiniSO-8
Dual (TSV712)
Quad (TSV714)
QFN16 3x3
TSSOP14
www.st.com


Similar Part No. - TSV714

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV731 STMICROELECTRONICS-TSV731 Datasheet
1Mb / 29P
High accuracy (200 μV) micropower 60 μA, 900 kHz 5 V CMOS operational amplifiers
26-Mar-2013
TSV731ICT STMICROELECTRONICS-TSV731ICT Datasheet
1Mb / 29P
High accuracy (200 μV) micropower 60 μA, 900 kHz 5 V CMOS operational amplifiers
26-Mar-2013
TSV732 STMICROELECTRONICS-TSV732 Datasheet
1Mb / 29P
High accuracy (200 μV) micropower 60 μA, 900 kHz 5 V CMOS operational amplifiers
26-Mar-2013
TSV732IQ2T STMICROELECTRONICS-TSV732IQ2T Datasheet
1Mb / 29P
High accuracy (200 μV) micropower 60 μA, 900 kHz 5 V CMOS operational amplifiers
26-Mar-2013
TSV732IST STMICROELECTRONICS-TSV732IST Datasheet
1Mb / 29P
High accuracy (200 μV) micropower 60 μA, 900 kHz 5 V CMOS operational amplifiers
26-Mar-2013
More results

Similar Description - TSV714

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV851 NSC-LMV851 Datasheet
1Mb / 22P
8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 NSC-LMV861 Datasheet
1Mb / 20P
30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831 NSC-LMV831 Datasheet
1Mb / 20P
3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
AN-1698 NSC-AN-1698 Datasheet
216Kb / 8P
A Specification for EMI Hardened Operational Amplifiers
LMV831_0810 NSC-LMV831_0810 Datasheet
1Mb / 20P
3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV851 TI1-LMV851_14 Datasheet
1Mb / 30P
LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861_13 Datasheet
789Kb / 26P
LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 TI-LMV851_15 Datasheet
1Mb / 32P
LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI-LMV861_15 Datasheet
1Mb / 29P
LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861 Datasheet
1Mb / 30P
LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com