Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV732 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSV732
Description  High accuracy (200 μV) micropower 60 μA, 900 kHz 5 V CMOS operational amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV732 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSV732 Datasheet HTML 3Page - STMicroelectronics TSV732 Datasheet HTML 4Page - STMicroelectronics TSV732 Datasheet HTML 5Page - STMicroelectronics TSV732 Datasheet HTML 6Page - STMicroelectronics TSV732 Datasheet HTML 7Page - STMicroelectronics TSV732 Datasheet HTML 8Page - STMicroelectronics TSV732 Datasheet HTML 9Page - STMicroelectronics TSV732 Datasheet HTML 10Page - STMicroelectronics TSV732 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
DocID023708 Rev 2
7/29
TSV731, TSV732, TSV734
Electrical characteristics
AC performance
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 100 pF
700
850
kHz
Fu
Unity gain frequency
650
Φm
Phase margin
45
Degrees
Gm
Gain margin
12
dB
SR
Slew rate(3)
RL = 10 kΩ, CL = 100 pF,
Vout = 0.5 V to VCC - 0.5 V
0.35
V/
μs
en
Equivalent input noise voltage
f = 1 kHz
35
f = 10 kHz
32
tinit
Initialization time(4)
T = 25 °C
5
ms
-40 °C < T< 125 °C
60
1. See Section 4.4: Input offset voltage drift over temperature.
2. Guaranteed by characterization.
3. Slew rate value is calculated as the average between positive and negative slew rates.
4. Initialization time is defined as the delay after power-up to guarantee operation within specified performances. Guaranteed
by design. See Section 4.6: Initialization time.
Table 3. Electrical characteristics at VCC+ = 1.8 V with VCC- = 0 V, Vicm = VCC/2, T = 25 °C, and
RL = 10 kΩ connected to VCC/2 (unless otherwise specified) (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com