Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV6191A Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSV6191A
Description  Rail-to-rail input/output 10 μA, 450 kHz CMOS operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6191A Datasheet(HTML) 5 Page - STMicroelectronics

  TSV6191A Datasheet HTML 1Page - STMicroelectronics TSV6191A Datasheet HTML 2Page - STMicroelectronics TSV6191A Datasheet HTML 3Page - STMicroelectronics TSV6191A Datasheet HTML 4Page - STMicroelectronics TSV6191A Datasheet HTML 5Page - STMicroelectronics TSV6191A Datasheet HTML 6Page - STMicroelectronics TSV6191A Datasheet HTML 7Page - STMicroelectronics TSV6191A Datasheet HTML 8Page - STMicroelectronics TSV6191A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DocID17974 Rev 2
5/18
TSV619x, TSV619xA
Electrical characteristics
18
Table 4. Electrical characteristics at VCC+ = 3.3 V, VCC- = 0 V, Vicm = VCC/2, Tamb = 25 °C,
RL connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Min.
Typ. Max.
Unit
DC performance
Vio
Offset voltage
TSV619x
TSV619xA
4
0.8
mV
Tmin<Top<Tmax TSV619x
Tmin<Top<TmaxTSV619xA
5
2
∆Vio/∆T Input offset voltage drift
2
μV/°C
Iio
Input offset current
110 (1)
pA
Tmin. < Top < Tmax.
125
Iib
Input bias current
110 (1)
Tmin. < Top < Tmax.
125
CMR
Common mode rejection ratio
20 log (
ΔVic/ΔVio)
0 V to 3.3 V, Vout = 1.75 V
61
76
dB
Tmin. < Top < Tmax.
58
Avd
Large signal voltage gain
RL = 10 kΩ, Vout = 0.5 V to 2.8 V
85
92
Tmin. < Top < Tmax.
83
VOH
High level output voltage
(VOH = VCC - Vout)
RL = 10 kΩ
Tmin. < Top < Tmax.
535
50
mV
VOL
Low level output voltage
RL = 10 kΩ
Tmin. < Top < Tmax.
10
35
50
Iout
Isink
Vo = VCC
Tmin. < Top < Tmax.
37
35
44
mA
Isource
Vo = 0 V
Tmin. < Top < Tmax.
32
30
38
ICC
Supply current (per operator)
No load, Vout = VCC/2
6.5
9.5
12.5
µA
Tmin. < Top < Tmax.
613
AC performance
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 20 pF
400
kHz
Gain
Minimum gain for stability
Phase margin = 60 °, Rf = 10kΩ,
RL = 10 kΩ, CL = 20 pF, Top = 25 °C
5V/V
SR
Slew rate
RL = 10 kΩ, CL = 20 pF,
Vout = 0.5V to 2.8V
0.07
V/
μs
en
Equivalent input noise voltage
f = 1 kHz
110
1. Guaranteed by design.
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com