Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV6192 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSV6192
Description  Rail-to-rail input/output 10 μA, 450 kHz CMOS operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6192 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSV6192 Datasheet HTML 5Page - STMicroelectronics TSV6192 Datasheet HTML 6Page - STMicroelectronics TSV6192 Datasheet HTML 7Page - STMicroelectronics TSV6192 Datasheet HTML 8Page - STMicroelectronics TSV6192 Datasheet HTML 9Page - STMicroelectronics TSV6192 Datasheet HTML 10Page - STMicroelectronics TSV6192 Datasheet HTML 11Page - STMicroelectronics TSV6192 Datasheet HTML 12Page - STMicroelectronics TSV6192 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DocID17974 Rev 2
9/18
TSV619x, TSV619xA
Application information
18
3
Application information
3.1
Operating voltages
The TSV619x can operate from 1.5 to 5.5 V. Their parameters are fully specified for 1.8, 3.3,
and 5 V power supplies. However, the parameters are very stable in the full VCC range and
several characterization curves show the TSV619x characteristics at 1.5 V. Additionally, the
main specifications are guaranteed in extended temperature ranges from -40 °C to 85 °C.
3.2
Rail-to-rail input
The TSV619x are built with two complementary PMOS and NMOS input differential pairs.
The devices have a rail-to-rail input, and the input common mode range is extended from
VCC- -0.1 V to VCC+ +0.1 V. The transition between the two pairs appears at VCC+ -0.7 V. In
the transition region, the performance of CMRR, PSRR, Vio and THD is slightly degraded
(as shown in Figure 13 and Figure 14 for Vio vs. Vicm).
The device is guaranteed without phase reversal.
3.3
Rail-to-rail output
The operational amplifiers’ output levels can go close to the rails: less than 35 mV above
GND rail and less than 35 mV below VCC rail when connected to 10 kΩ load to VCC/2.
3.4
PCB layouts
For correct operation, it is advised to add 10 nF decoupling capacitors as close as possible
to the power supply pins.
Figure 13. Input offset voltage vs input common
mode at VCC = 1.5 V
Figure 14. Input offset voltage vs input common
mode at VCC = 5 V
0.0
0.0
0.2
0.2
0.4
0.4
0.6
0.6
0.8
0.8
1.0
1.0
1.2
1.2
1.4
1.4
-1.5
-1.5
-1.0
-1.0
-0.5
-0.5
0.0
0.0
0.5
0.5
1.0
1.0
1.5
1.5
Input Common Mode Voltage (V)
0.0
0.0
1.0
1.0
2.0
2.0
3.0
3.0
4.0
4.0
5.0
5.0
-1.0
-1.0
-0.8
-0.8
-0.6
-0.6
-0.4
-0.4
-0.2
-0.2
0.0
0.0
0.2
0.2
0.4
0.4
0.6
0.6
0.8
0.8
1.0
1.0
1.2
1.2
1.4
1.4
Input Common Mode Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com