Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV6391 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSV6391
Description  Micropower (60 μA), wide bandwidth (2.4 MHz) CMOS operational amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6391 Datasheet(HTML) 4 Page - STMicroelectronics

  TSV6391 Datasheet HTML 1Page - STMicroelectronics TSV6391 Datasheet HTML 2Page - STMicroelectronics TSV6391 Datasheet HTML 3Page - STMicroelectronics TSV6391 Datasheet HTML 4Page - STMicroelectronics TSV6391 Datasheet HTML 5Page - STMicroelectronics TSV6391 Datasheet HTML 6Page - STMicroelectronics TSV6391 Datasheet HTML 7Page - STMicroelectronics TSV6391 Datasheet HTML 8Page - STMicroelectronics TSV6391 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Electrical characteristics
TSV6390, TSV6390A, TSV6391, TSV6391A
4/22
DocID17118 Rev 2
2
Electrical characteristics
Table 3: Electrical characteristics at VCC+ = 1.8 V with VCC- = 0 V, Vicm = VCC/2,
Tamb = 25 °C and RL connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage
TSV6390 and TSV6391
3
mV
TSV6390A and TSV6391A
0.5
Tmin < Top < Tmax,
TSV6390 and TSV6391
4.5
Tmin < Top < Tmax,
TSV6390A and TSV6391A
2
ΔVio/ΔT
Input offset voltage drift
2
μV/°C
Iio
Input offset current, Vout = VCC/2
(1)
1
10
pA
Tmin < Top < Tmax
1
100
Iib
Input bias current, (Vout = VCC/2)
(1)
1
10
Tmin < Top < Tmax
1
100
CMR
Common mode rejection ratio
20 log (ΔVic/ΔVio)
0 V to 1.8 V, Vout = 0.9 V
53
74
dB
Tmin < Top < Tmax
51
Avd
Large signal voltage gain
RL= 10 kΩ, Vout = 0.5 V to 1.3 V
85
95
Tmin < Top < Tmax
80
VOH
High-level output voltage
RL = 10 kΩ
5
35
mV
Tmin < Top < Tmax
50
VOL
Low-level output voltage
RL = 10 kΩ
4
35
Tmin < Top < Tmax
50
Iout
Isink
Vout = 1.8 V
6
12
mA
Tmin < Top < Tmax
4
Isource
Vout = 0 V
6
10
Tmin < Top < Tmax
4
ICC
Supply current,
SHDN = VCC
No load, Vout = VCC/2
40
50
60
µA
Tmin < Top < Tmax
62
AC performance
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 100 pF
2
MHz
Gain
Minimum gain for stability
Phase margin = 60°, Rf = 10 kΩ,
RL = 10 kΩ, CL = 20 pF
4
V/V
-3
SR
Slew rate
RL = 10 kΩ, CL = 100 pF,
Vout = 0.5 V to 1.3 V
0.7
V/μs
en
Equivalent input noise voltage
f = 1 kHz
60
nV/√Hz
f = 10 kHz
33
Notes:
(1)
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com