Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV6391A Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSV6391A
Description  Micropower (60 μA), wide bandwidth (2.4 MHz) CMOS operational amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6391A Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSV6391A Datasheet HTML 6Page - STMicroelectronics TSV6391A Datasheet HTML 7Page - STMicroelectronics TSV6391A Datasheet HTML 8Page - STMicroelectronics TSV6391A Datasheet HTML 9Page - STMicroelectronics TSV6391A Datasheet HTML 10Page - STMicroelectronics TSV6391A Datasheet HTML 11Page - STMicroelectronics TSV6391A Datasheet HTML 12Page - STMicroelectronics TSV6391A Datasheet HTML 13Page - STMicroelectronics TSV6391A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Electrical characteristics curves
TSV6390, TSV6390A, TSV6391, TSV6391A
10/22
DocID17118 Rev 2
Figure 7: Positive slew rate vs. supply voltage
Figure 8: Negative slew rate vs. supply voltage
Figure 9: Distortion + noise vs. output voltage at
VCC = 1.8 V
Figure 10: Distortion + noise vs. output voltage at
VCC = 5 V
Figure 11: Slew rate timing
Figure 12: Noise vs. frequency at VCC = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com