Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLSH156P Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLSH156P
Description  TOSHIBA LED Lamp InGaA?밣 Red Light Emission
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSH156P Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLSH156P Datasheet HTML 1Page - Toshiba Semiconductor TLSH156P Datasheet HTML 2Page - Toshiba Semiconductor TLSH156P Datasheet HTML 3Page - Toshiba Semiconductor TLSH156P Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TLSH156P
2002-09-25
2
Precaution
Please be careful of the followings
· Soldering temperature: 260°C max
Soldering time: 3s max
(Soldering portion of lead: Up to 2mm from the body of the device)
· If the lead is formed, the lead should be formed up to 5mm from the body of the device without forming stress to
the resin. Soldering should be performed after lead forming.
· This visible LED lamp also emits some IR light. If a photodetector is located near the LED lamp, please ensure
that it will not be affected by this IR light.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com