Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV6191ICT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSV6191ICT
Description  Rail-to-rail input/output 10 μA, 450 kHz CMOS operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6191ICT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSV6191ICT Datasheet HTML 2Page - STMicroelectronics TSV6191ICT Datasheet HTML 3Page - STMicroelectronics TSV6191ICT Datasheet HTML 4Page - STMicroelectronics TSV6191ICT Datasheet HTML 5Page - STMicroelectronics TSV6191ICT Datasheet HTML 6Page - STMicroelectronics TSV6191ICT Datasheet HTML 7Page - STMicroelectronics TSV6191ICT Datasheet HTML 8Page - STMicroelectronics TSV6191ICT Datasheet HTML 9Page - STMicroelectronics TSV6191ICT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
TSV619x, TSV619xA
6/18
DocID17974 Rev 2
Table 5. Electrical characteristics at VCC+ = 5 V, VCC- = 0 V, Vicm = VCC/2, Tamb = 25 °C,
RL connected to VCC/2 (unless otherwise specified)
Symbol
Parameter
Min.
Typ. Max.
Unit
DC performance
Vio
Offset voltage
TSV619x
TSV619xA
4
0.8
mV
Tmin<Top<Tmax TSV619x
Tmin<Top<Tmax TSV619xA
5
2
∆Vio/∆T Input offset voltage drift
2
μV/°C
Iio
Input offset current
1
10 (1)
pA
Tmin. < Top < Tmax.
125
Iib
Input bias current
110( 1)
Tmin. < Top < Tmax.
125
CMR
Common mode rejection ratio
20 log (
ΔVic/ΔVio)
0 V to 5 V, Vout = 2.5 V
64
80
dB
Tmin. < Top < Tmax.
63
SVR
Supply voltage rejection ratio 20
log (
ΔVcc/ΔVio)
Vcc = 1.8 to 5 V
76
93
Tmin. < Top < Tmax.
74
Avd
Large signal voltage gain
RL = 10 kΩ, Vout = 0.5 V to 4.5 V
88
93
Tmin<Top<Tmax
85
VOH
High level output voltage
(VOH = VCC - Vout)
RL = 10 kΩ
Tmin. < Top < Tmax.
735
50
mV
VOL
Low level output voltage
RL = 10 kΩ
Tmin. < Top < Tmax.
16
35
50
Iout
Isink
Vo = VCC
Tmin. < Top < Tmax.
52
42
57
mA
Isource
Vo = 0 V
Tmin. < Top < Tmax.
58
49
63
ICC
Supply current (per operator)
No load, Vout = VCC/2
7.5
10.5
14
µA
Tmin. < Top < Tmax.
715
AC performance
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 20 pF
450
kHz
Gain
Minimum gain for stability
Phase margin = 60 °, Rf = 10kΩ,
RL = 10 kΩ, CL = 20 pF, Top = 25 °C
5V/V
SR
Slew rate
RL = 10 kΩ, CL = 20 pF,
Vout = 0.5V to 4.5V
0.08
V/
μs
en
Equivalent input noise voltage
f = 1 kHz
105
THD+N
Total harmonic distortion +
noise
Fin = 1 kHz, Av = 5, Vout = 1 Vpp,
RL = 100 kΩ, BW = 22kHz
0.1
%
1. Guaranteed by design.
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com