Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV6390ILT Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSV6390ILT
Description  Micropower (60 μA), wide bandwidth (2.4 MHz) CMOS operational amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6390ILT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSV6390ILT Datasheet HTML 7Page - STMicroelectronics TSV6390ILT Datasheet HTML 8Page - STMicroelectronics TSV6390ILT Datasheet HTML 9Page - STMicroelectronics TSV6390ILT Datasheet HTML 10Page - STMicroelectronics TSV6390ILT Datasheet HTML 11Page - STMicroelectronics TSV6390ILT Datasheet HTML 12Page - STMicroelectronics TSV6390ILT Datasheet HTML 13Page - STMicroelectronics TSV6390ILT Datasheet HTML 14Page - STMicroelectronics TSV6390ILT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TSV6390, TSV6390A, TSV6391, TSV6391A
Application information
DocID17118 Rev 2
11/22
4
Application information
4.1
Operating voltages
The TSV6390 and TSV6391 can operate from 1.5 to 5.5 V. Their parameters are fully
specified for 1.8, 3.3 and 5 V power supplies. However, the parameters are very stable in
the full VCC range and several characterization curves show the TSV639x characteristics at
1.5 V. Additionally, the main specifications are guaranteed in extended temperature ranges
from -40 °C to 125 °C.
4.2
Rail-to-rail input
The TSV6390 and TSV6391 are built with two complementary PMOS and NMOS input
differential pairs. The devices have a rail-to-rail input, and the input common mode range is
extended from (VCC-) - 0.1 V to (VCC+) + 0.1 V. The transition between the two pairs appears
at (VCC+) - 0.7 V. In the transition region, the performance of CMRR, PSRR, Vio, and THD is
slightly degraded (as shown in Figure 13 and Figure 14 for Vio vs. Vicm).
Figure 13: Input offset voltage vs input common-mode
at VCC = 1.5 V
Figure 14: Input offset voltage vs input common-mode
at VCC = 5 V
The devices are guaranteed without phase reversal.
4.3
Rail-to-rail output
The operational amplifiers’ output levels can go close to the rails: 35 mV maximum above
and below the rail when connected to a 10
kΩ resistive load to V
CC/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com