Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV6191AICT Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSV6191AICT
Description  Rail-to-rail input/output 10 μA, 450 kHz CMOS operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6191AICT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSV6191AICT Datasheet HTML 10Page - STMicroelectronics TSV6191AICT Datasheet HTML 11Page - STMicroelectronics TSV6191AICT Datasheet HTML 12Page - STMicroelectronics TSV6191AICT Datasheet HTML 13Page - STMicroelectronics TSV6191AICT Datasheet HTML 14Page - STMicroelectronics TSV6191AICT Datasheet HTML 15Page - STMicroelectronics TSV6191AICT Datasheet HTML 16Page - STMicroelectronics TSV6191AICT Datasheet HTML 17Page - STMicroelectronics TSV6191AICT Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Ordering information
TSV619x, TSV619xA
16/18
DocID17974 Rev 2
5
Ordering information
Table 10. Order codes
Order code
Temperature
range
Package
Packing
Marking
TSV6191ILT
-40 °C to 85 °C
SOT23-5
Tape and reel
K110
TSV6191AILT
K115
TSV6191ICT
SC70-5
K10
TSV6191AICT
K13
TSV6192IDT
SO-8
V6192I
TSV6192AIDT
V6192AI
TSV6192IST
MiniSO-8
K130
TSV6192AIST
K129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com