Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV6390ICT Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSV6390ICT
Description  Micropower (60 μA), wide bandwidth (2.4 MHz) CMOS operational amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6390ICT Datasheet(HTML) 2 Page - STMicroelectronics

  TSV6390ICT Datasheet HTML 1Page - STMicroelectronics TSV6390ICT Datasheet HTML 2Page - STMicroelectronics TSV6390ICT Datasheet HTML 3Page - STMicroelectronics TSV6390ICT Datasheet HTML 4Page - STMicroelectronics TSV6390ICT Datasheet HTML 5Page - STMicroelectronics TSV6390ICT Datasheet HTML 6Page - STMicroelectronics TSV6390ICT Datasheet HTML 7Page - STMicroelectronics TSV6390ICT Datasheet HTML 8Page - STMicroelectronics TSV6390ICT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Contents
TSV6390, TSV6390A, TSV6391, TSV6391A
2/22
DocID17118 Rev 2
Contents
1
Absolute maximum ratings and operating conditions ................. 3
2
Electrical characteristics ................................................................ 4
3
Electrical characteristics curves .................................................... 9
4
Application information ................................................................ 11
4.1
Operating voltages .......................................................................... 11
4.2
Rail-to-rail input ............................................................................... 11
4.3
Rail-to-rail output............................................................................. 11
4.4
Shutdown function (TSV6390) ........................................................ 12
4.5
Optimization of DC and AC parameters .......................................... 13
4.6
Driving resistive and capacitive loads ............................................. 13
4.7
PCB layouts .................................................................................... 13
4.8
Macromodel .................................................................................... 13
5
Package information ..................................................................... 14
5.1
SC70-6 (or SOT323-6) package information................................... 15
5.2
SOT23-6 package information ........................................................ 17
5.3
SC70-5 (or SOT323-5) package information................................... 18
5.4
SOT23-5 package information ........................................................ 19
6
Ordering information..................................................................... 20
7
Revision history ............................................................................ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com