Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV6192AIDT Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSV6192AIDT
Description  Rail-to-rail input/output 10 μA, 450 kHz CMOS operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6192AIDT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSV6192AIDT Datasheet HTML 3Page - STMicroelectronics TSV6192AIDT Datasheet HTML 4Page - STMicroelectronics TSV6192AIDT Datasheet HTML 5Page - STMicroelectronics TSV6192AIDT Datasheet HTML 6Page - STMicroelectronics TSV6192AIDT Datasheet HTML 7Page - STMicroelectronics TSV6192AIDT Datasheet HTML 8Page - STMicroelectronics TSV6192AIDT Datasheet HTML 9Page - STMicroelectronics TSV6192AIDT Datasheet HTML 10Page - STMicroelectronics TSV6192AIDT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DocID17974 Rev 2
7/18
TSV619x, TSV619xA
Electrical characteristics
18
Figure 1. Supply current vs. supply voltage at
Vicm = VCC/2
Figure 2. Output current vs. output voltage at
VCC = 1.5 V
Figure 3. Output current vs. output voltage at
VCC = 5 V
Figure 4. Voltage gain and phase vs. frequency
at VCC = 1.5 V
Figure 5. Voltage gain and phase vs. frequency
at VCC = 5 V
Figure 6. Positive slew rate vs. time at
VCC = 1.5 V
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com