Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSV6391ICT Datasheet(PDF) 12 Page - STMicroelectronics

Part # TSV6391ICT
Description  Micropower (60 μA), wide bandwidth (2.4 MHz) CMOS operational amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6391ICT Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TSV6391ICT Datasheet HTML 8Page - STMicroelectronics TSV6391ICT Datasheet HTML 9Page - STMicroelectronics TSV6391ICT Datasheet HTML 10Page - STMicroelectronics TSV6391ICT Datasheet HTML 11Page - STMicroelectronics TSV6391ICT Datasheet HTML 12Page - STMicroelectronics TSV6391ICT Datasheet HTML 13Page - STMicroelectronics TSV6391ICT Datasheet HTML 14Page - STMicroelectronics TSV6391ICT Datasheet HTML 15Page - STMicroelectronics TSV6391ICT Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Application information
TSV6390, TSV6390A, TSV6391, TSV6391A
12/22
DocID17118 Rev 2
4.4
Shutdown function (TSV6390)
The operational amplifier is enabled when the
SHDN pin is pulled high. To disable the
amplifier, the
SHDN must be pulled down to V
CC-. When in shutdown mode, the amplifier’s
output is in a high impedance state. The
SHDN pin must never be left floating, but kept tied
to VCC+ or VCC-.
The turn-on and turn-off times are calculated for an output variation of ±200 mV (Figure 15
and Figure 16 show the test configurations).
Figure 15: Test configuration for turn-on time (Vout
pulled down)
Figure 16: Test configuration for turn-off time (Vout
pulled down)
Figure 17: Turn-on time, VCC = 5 V, Vout pulled down,
T = 25 °C
Figure 18: Turn-off time, VCC = 5 V, Vout pulled down,
T = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com