Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX562A Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSX562A
Description  Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX562A Datasheet(HTML) 4 Page - STMicroelectronics

  TSX562A Datasheet HTML 1Page - STMicroelectronics TSX562A Datasheet HTML 2Page - STMicroelectronics TSX562A Datasheet HTML 3Page - STMicroelectronics TSX562A Datasheet HTML 4Page - STMicroelectronics TSX562A Datasheet HTML 5Page - STMicroelectronics TSX562A Datasheet HTML 6Page - STMicroelectronics TSX562A Datasheet HTML 7Page - STMicroelectronics TSX562A Datasheet HTML 8Page - STMicroelectronics TSX562A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Absolute maximum ratings and operating
conditions
TSX56x, TSX56xA
4/28
DocID023274 Rev 5
2
Absolute maximum ratings and operating conditions
Table 2: Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
18
V
Vid
Differential input voltage (2)
±VCC
Vin
Input voltage (3)
(VCC-) - 0.2 to (VCC+) + 0.2
Iin
Input current (4)
10
mA
Tstg
Storage temperature
-65 to 150
°C
Tj
Maximum junction temperature
150
Rthja
Thermal resistance
junction-to-ambient (5) (6)
SOT23-5
250
°C/W
DFN8 2x2
120
MiniSO8
190
QFN16 3x3
80
TSSOP14
100
Rthjc
Thermal resistance
junction-to-case
DFN8 2x2
33
QFN16 3x3
30
ESD
HBM: human body model (7)
4
kV
MM: machine model for TSX561 (8)
200
V
MM: machine model for TSX562 and TSX564 (8)
100
CDM: charged device model (9)
1.5
kV
Latch-up immunity
200
mA
Notes:
(1)All voltage values, except the differential voltage are with respect to the network ground terminal.
(2)The differential voltage is the non-inverting input terminal with respect to the inverting input terminal.
(3)Vcc - Vin must not exceed 18 V, Vin must not exceed 18 V
(4)Input current must be limited by a resistor in series with the inputs.
(5)Rth are typical values.
(6)Short-circuits can cause excessive heating and destructive dissipation.
(7)Human body model: 100 pF discharged through a 1.5 kΩ resistor between two pins of the device, done for all
couples of pin combinations with other pins floating.
(8)Machine model: a 200 pF cap is charged to the specified voltage, then discharged directly between two pins of
the device with no external series resistor (internal resistor < 5 Ω), done for all couples of pin combinations with
other pins floating.
(9)Charged device model: all pins plus package are charged together to the specified voltage and then discharged
directly to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com