Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX711A Datasheet(PDF) 17 Page - STMicroelectronics

Part # TSX711A
Description  Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX711A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TSX711A Datasheet HTML 13Page - STMicroelectronics TSX711A Datasheet HTML 14Page - STMicroelectronics TSX711A Datasheet HTML 15Page - STMicroelectronics TSX711A Datasheet HTML 16Page - STMicroelectronics TSX711A Datasheet HTML 17Page - STMicroelectronics TSX711A Datasheet HTML 18Page - STMicroelectronics TSX711A Datasheet HTML 19Page - STMicroelectronics TSX711A Datasheet HTML 20Page - STMicroelectronics TSX711A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
TSX711, TSX711A, TSX712
Application information
DocID025959 Rev 5
17/31
5
Application information
5.1
Operating voltages
The TSX711, TSX711A, and TSX712 devices can operate from 2.7 to 16 V. The
parameters are fully specified for 4 V, 10 V, and 16 V power supplies. However, the
parameters are very stable in the full VCC range. Additionally, the main specifications are
guaranteed in extended temperature ranges from -40 to 125 °C.
5.2
Input pin voltage ranges
The TSX711, TSX711A, and TSX712 devices have internal ESD diode protection on the
inputs. These diodes are connected between the input and each supply rail to protect the
input MOSFETs from electrical discharge.
If the input pin voltage exceeds the power supply by 0.5 V, the ESD diodes become
conductive and excessive current can flow through them. Without limitation this over
current can damage the device.
In this case, it is important to limit the current to 10 mA, by adding resistance on the input
pin, as described in Figure 33: "Input current limitation".
Figure 33: Input current limitation
5.3
Rail-to-rail input
The TSX711, TSX711A, and TSX712 devices have a rail-to-rail input, and the input
common mode range is extended from (VCC-) - 0.1 V to (VCC+) + 0.1 V.
5.4
Rail-to-rail output
The operational amplifier output levels can go close to the rails: to a maximum of 40 mV
above and below the rail wh
en connected to a 10 kΩ resistive load to VCC/2.
Vin
R
16 V
Vout
+
+
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com