Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX712 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSX712
Description  Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX712 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSX712 Datasheet HTML 6Page - STMicroelectronics TSX712 Datasheet HTML 7Page - STMicroelectronics TSX712 Datasheet HTML 8Page - STMicroelectronics TSX712 Datasheet HTML 9Page - STMicroelectronics TSX712 Datasheet HTML 10Page - STMicroelectronics TSX712 Datasheet HTML 11Page - STMicroelectronics TSX712 Datasheet HTML 12Page - STMicroelectronics TSX712 Datasheet HTML 13Page - STMicroelectronics TSX712 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Electrical characteristics
TSX711, TSX711A, TSX712
10/31
DocID025959 Rev 5
nV
Hz
------------
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VOL
Low level output voltage
RL
= 2 kΩ
70
130
mV
Tmin < Top < Tmax
150
RL
= 10 kΩ
15
40
Tmin < Top < Tmax
50
Iout
(TSX711,
TSX711A)
Isink
Vout = VCC
50
71
mA
Tmin < Top < Tmax
45
Isource
Vout = 0 V
50
68
Tmin < Top < Tmax
45
Iout
(TSX712)
Isink
Vout = VCC
30
40
Tmin < Top < Tmax
15
Isource
Vout = 0 V
50
68
Tmin < Top < Tmax
45
ICC
Supply current per
amplifier
No load, Vout = VCC/2
660
900
μA
Tmin < Top < Tmax
1000
GBP
Gain bandwidth product
RL
= 10 kΩ, CL = 100 pF
1.9
2.7
MHz
ɸm
Phase margin
RL
= 10 kΩ, CL = 100 pF
55
Degrees
Gm
Gain margin
RL
= 10 kΩ, CL= 100 pF
15
dB
SRn
Negative slew rate
Av = 1, Vout = 10 VPP, 10 % to
90 %
0.7
0.95
V/μs
Tmin < Top < Tmax
0.6
SRp
Positive slew rate
Av = 1, Vout = 10 VPP, 10 % to
90 %
1
1.4
Tmin < Top < Tmax
0.9
en
Equivalent input noise
voltage
f = 1 kHz
22
f = 10 kHz
19
THD+N
Total harmonic distortion
+ Noise
f = 1 kHz, Av = 1, RL
= 10 kΩ,
BW = 22 kHz, Vin= 10 VPP
0.0002
%
Notes:
(1)Maximum values are guaranteed by design.
(2)Typical value is based on the Vio drift observed after 1000h at 125 °C extrapolated to 25 °C using the Arrhenius law and
assuming an activation energy of 0.7 eV. The operational amplifier is aged in follower mode configuration (see Section 5.6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com