Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX7191 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSX7191
Description  Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX7191 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSX7191 Datasheet HTML 12Page - STMicroelectronics TSX7191 Datasheet HTML 13Page - STMicroelectronics TSX7191 Datasheet HTML 14Page - STMicroelectronics TSX7191 Datasheet HTML 15Page - STMicroelectronics TSX7191 Datasheet HTML 16Page - STMicroelectronics TSX7191 Datasheet HTML 17Page - STMicroelectronics TSX7191 Datasheet HTML 18Page - STMicroelectronics TSX7191 Datasheet HTML 19Page - STMicroelectronics TSX7191 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Application information
TSX7191, TSX7191A
16/25
DocID026747 Rev 3
4
Application information
4.1
Operating voltages
The TSX7191, TSX7191A device can operate from 2.7 to 16 V. The parameters are fully
specified for 4 V, 10 V, and 16 V power supplies. However, the parameters are very stable
in the full VCC range. Additionally, the main specifications are guaranteed in extended
temperature ranges from -40 to +125 °C.
4.2
Input pin voltage ranges
The TSX7191, TSX7191A device has internal ESD diode protection on the inputs. These
diodes are connected between the input and each supply rail to protect the input MOSFETs
from electrical discharge.
If the input pin voltage exceeds the power supply by 0.5 V, the ESD diodes become
conductive and excessive current can flow through them. Without limitation this over
current can damage the device.
In this case, it is important to limit the current to 10 mA, by adding resistance on the input
pin, as described in Figure 30.
Figure 30: Input current limitation
4.3
Rail-to-rail input
The TSX7191, TSX7191A device has a rail-to-rail input, and the input common mode range
is extended from VCC- - 0.1 V to VCC+ + 0.1 V.
4.4
Rail-to-rail output
The operational amplifier output levels can go close to the rails: to a maximum of 30 mV
above and below the rail when connected to a 10 kΩ resistive load to VCC/2.
9R
2
R
2
Vcc
Vin
R
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com