Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX7191ILT Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSX7191ILT
Description  Low-power, precision, rail-to-rail, 9.0 MHz, 16 V operational amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX7191ILT Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSX7191ILT Datasheet HTML 11Page - STMicroelectronics TSX7191ILT Datasheet HTML 12Page - STMicroelectronics TSX7191ILT Datasheet HTML 13Page - STMicroelectronics TSX7191ILT Datasheet HTML 14Page - STMicroelectronics TSX7191ILT Datasheet HTML 15Page - STMicroelectronics TSX7191ILT Datasheet HTML 16Page - STMicroelectronics TSX7191ILT Datasheet HTML 17Page - STMicroelectronics TSX7191ILT Datasheet HTML 18Page - STMicroelectronics TSX7191ILT Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
TSX7191, TSX7191A
Electrical characteristics
DocID026747 Rev 3
15/25
Figure 26: THD + N vs. frequency
Figure 27: THD + N vs. output voltage
Figure 28: Noise vs. frequency
Figure 29: 0.1 to 10Hz noise
100
1000
10000
1E-3
0.01
0.1
1
Rl=10k
Rl=100k
Rl=2k
Vcc=16V
Vicm=8V
Gain=10
Vout=10Vpp
BW=80kHz
T=25°C
Frequency (Hz)
Ω
Ω
Ω
0.01
0.1
1
10
1E-4
1E-3
0.01
0.1
1
Rl=2k
Rl=100k
Rl=10k
Vcc=16V
Vicm=8V
Gain=10
f=1kHz
BW=22kHz
T=25°C
Output Voltage (Vpp)
Ω
Ω
Ω
10
100
1k
10k
0
0
20
20
40
40
60
60
80
80
100
100
120
120
Vcc=16V
Vicm=Vcc/2
T=25°C
Frequency (Hz)
0
2
4
6
8
10
-6
-4
-2
0
2
4
6
Vcc=16V
Vicm=8V
T=25°C
Time (s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com