Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX712IYST Datasheet(PDF) 23 Page - STMicroelectronics

Part # TSX712IYST
Description  Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX712IYST Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TSX712IYST Datasheet HTML 19Page - STMicroelectronics TSX712IYST Datasheet HTML 20Page - STMicroelectronics TSX712IYST Datasheet HTML 21Page - STMicroelectronics TSX712IYST Datasheet HTML 22Page - STMicroelectronics TSX712IYST Datasheet HTML 23Page - STMicroelectronics TSX712IYST Datasheet HTML 24Page - STMicroelectronics TSX712IYST Datasheet HTML 25Page - STMicroelectronics TSX712IYST Datasheet HTML 26Page - STMicroelectronics TSX712IYST Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
TSX711, TSX711A, TSX712
Application information
DocID025959 Rev 5
23/31
5.11.2
Low-side current sensing
Power management mechanisms are found in most electronic systems. Current sensing is
useful for protecting applications. The low-side current sensing method consists of placing
a sense resistor between the load and the circuit ground. The resulting voltage drop is
amplified using the TSX711, TSX711A, or TSX712 (see Figure 37: "Low-side current
sensing schematic").
Figure 37: Low-side current sensing schematic
Vout can be expressed as follows:
Equation 9
Assuming that Rf2 = Rf1 = Rf and Rg2 = Rg1 = Rg, Equation 9 can be simplified as follows:
Equation 10
The main advantage of using a precision amplifier like the TSX711, TSX711A, or TSX712,
for a low-side current sensing, is that the errors due to Vio and Iio are extremely low and
may be neglected.
Therefore, for the same accuracy, the shunt resistor can be chosen with a lower value,
resulting in lower power dissipation, lower drop in the ground path, and lower cost.
Particular attention must be paid on the matching and precision of Rg1, Rg2, Rf1, and Rf2, to
maximize the accuracy of the measurement.
Taking into consideration the resistor inaccuracies, the maximum and minimum output
voltage of the operational amplifier can be calculated respectively using Equation 11 and
Equation 12.
-
+
+
-
Rshunt
Rg1
Rg2
C1
Rf1
5 V
Vout
Rf2
I
In
Ip
V
ou t
R
shun t
I 1
R
g2
R
g2
R
f2
+
1
R
f1
R
g1
–
×
I
p
R
g2
R
f2
R
g2
R
f2
1
R
f1
R
g1
l
n
R
f1
V
io 1
R
f1
R
g1
+
–
–
+
=
+
+
×
×
+
×
V
out
R
shunt
I
R
f
R
g
×
V
io 1
R
f
R
g
–
R
f
I
io
×
+
=
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com