Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX922IST Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSX922IST
Description  10 MHz rail-to-rail CMOS 16 V operational amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX922IST Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSX922IST Datasheet HTML 6Page - STMicroelectronics TSX922IST Datasheet HTML 7Page - STMicroelectronics TSX922IST Datasheet HTML 8Page - STMicroelectronics TSX922IST Datasheet HTML 9Page - STMicroelectronics TSX922IST Datasheet HTML 10Page - STMicroelectronics TSX922IST Datasheet HTML 11Page - STMicroelectronics TSX922IST Datasheet HTML 12Page - STMicroelectronics TSX922IST Datasheet HTML 13Page - STMicroelectronics TSX922IST Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
Electrical characteristics
TSX920, TSX921, TSX922, TSX923
10/32
DocID024310 Rev 4
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Iout
Isink
Vout = 16 V
45
50
mA
Tmin < Top < Tmax
40
Isource
Vout = 0 V
65
74
Tmin < Top < Tmax
60
ICC
Supply current
(per amplifier)
No load, Vout = VCC/2
2.8
3.4
Tmin < Top < Tmax
3.4
GBP
Gain bandwidth product
RL = 10 kΩ, CL = 20 pF, G = 20 dB
10
MHz
FU
Unity gain frequency
RL = 10 kΩ, CL = 20 pF
12
ɸm
Phase margin
55
Degrees
Gm
Gain margin
5.9
dB
SR+
Positive slew rate
Av = 1, Vout = 0.5 to 15.5 V,
measured between 10 % to 90 %
16.2
V/μs
SR-
Negative slew rate
Av = 1, Vout = 15.5 to 0.5 V,
measured between 90 % to 10 %
17.2
en
Equivalent input noise
voltage
f = 10 kHz
16.5
nV√Hz
f = 100 kHz
11.8
∫en
Low-frequency peak-to-
peak input noise
Bandwidth: f = 0.1 to 10 Hz
8.58
µVpp
THD+N
Total harmonic distortion
+ noise
f = 1 kHz, Av = 1, RL = 10 kΩ,
Vout = 4 Vrms
0.0003
%
tS
Setting time
Gain = 1, 100 mV input voltage,
0.1 % of final value
245
ns
Gain = 1, 100 mV input voltage,
1 % of final value
178
Shutdown characteristics (TSX920 and TSX923 only)
ICC_shdn
Supply current in
shutdown mode
(per amplifier)
SHDN = VCC-
7
15
µΑ
Tmin < Top < Tmax
20
ton
Amplifier turn-on time
1.5
µs
toff
Amplifier turn-off time
0.2
Notes:
(1)
Typical value is based on the Vio drift observed after 1000 h at 125 °C extrapolated to 25 °C using the Arrhenius law and
assuming an activation energy of 0.7 eV. The operational amplifier is aged in follower mode configuration (see Section 5.5: "Long
term input offset voltage drift").
(2)
When used in comparator mode, with high differential input voltage, during a long period of time with VCC close to 16 V and
Vicm>VCC/2, Vio can experience a permanent drift of a few mV drift. This phenomenon is notably worse at low temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com