Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX922IYST Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSX922IYST
Description  10 MHz rail-to-rail CMOS 16 V operational amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX922IYST Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSX922IYST Datasheet HTML 16Page - STMicroelectronics TSX922IYST Datasheet HTML 17Page - STMicroelectronics TSX922IYST Datasheet HTML 18Page - STMicroelectronics TSX922IYST Datasheet HTML 19Page - STMicroelectronics TSX922IYST Datasheet HTML 20Page - STMicroelectronics TSX922IYST Datasheet HTML 21Page - STMicroelectronics TSX922IYST Datasheet HTML 22Page - STMicroelectronics TSX922IYST Datasheet HTML 23Page - STMicroelectronics TSX922IYST Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Application information
TSX920, TSX921, TSX922, TSX923
20/32
DocID024310 Rev 4
5.6
Capacitive load
Driving a large capacitive load can cause stability issues. Increasing the load capacitance
produces gain peaking in the frequency response, with overshooting and ringing in the step
response. It is usually considered that with a gain peaking higher than 2.3 dB the op-amp
might become unstable. Generally, the unity gain configuration is the worst configuration
for stability and the ability to drive large capacitive loads. Figure 39: "Stability criteria with a
serial resistor" shows the serial resistor (Riso) that must be added to the output, to make
the system stable.
Figure 39: Stability criteria with a serial resistor
Figure 40: Test configuration for Riso



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com