Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSX9292IST Datasheet(PDF) 18 Page - STMicroelectronics

Part # TSX9292IST
Description  16 MHz rail-to-rail CMOS 16 V operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX9292IST Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TSX9292IST Datasheet HTML 14Page - STMicroelectronics TSX9292IST Datasheet HTML 15Page - STMicroelectronics TSX9292IST Datasheet HTML 16Page - STMicroelectronics TSX9292IST Datasheet HTML 17Page - STMicroelectronics TSX9292IST Datasheet HTML 18Page - STMicroelectronics TSX9292IST Datasheet HTML 19Page - STMicroelectronics TSX9292IST Datasheet HTML 20Page - STMicroelectronics TSX9292IST Datasheet HTML 21Page - STMicroelectronics TSX9292IST Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Application information
TSX9291, TSX9292
18/31
DocID024568 Rev 4
4.4
Stability for gain = -1
TSX9291 and TSX9292 can be used in gain = -1 configuration (see Figure 36). However
some precautions must be taken regarding the setting of the Rg and Rf resistors. Effectively,
the input capacitance of the TSX929x series creates a pole with Rf and Rg. In high
frequency, this pole decreases the phase margin and also causes gain peaking. This effect
has a direct impact on the stability.
Figure 37 shows the peaking, depending on the values of the gain and feedback
resistances.
Figure 36. Configuration for gain = -1
Figure 37. Close loop gain vs. frequency
 
Cf
Rf
Rg
Vin
Vout
CL=20pF
RL=10kO
+
‐
+Vcc
-Vcc
1k
10k
100k
1M
10M
-30
-20
-10
0
10
20
Rf=Rg=20kΩ
Rf=Rg=10kΩ
Vcc=16V
Vicm=Vcc/2
Gain=-1
Rl=10kΩ
Cl=20pF
Rf=Rg=1kΩ
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com