Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ182IYST Datasheet(PDF) 21 Page - STMicroelectronics

Part # TSZ182IYST
Description  Very high accuracy (25 μV) high bandwidth (3 MHz) zero drift 5 V dual operational amplifiers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ182IYST Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TSZ182IYST Datasheet HTML 17Page - STMicroelectronics TSZ182IYST Datasheet HTML 18Page - STMicroelectronics TSZ182IYST Datasheet HTML 19Page - STMicroelectronics TSZ182IYST Datasheet HTML 20Page - STMicroelectronics TSZ182IYST Datasheet HTML 21Page - STMicroelectronics TSZ182IYST Datasheet HTML 22Page - STMicroelectronics TSZ182IYST Datasheet HTML 23Page - STMicroelectronics TSZ182IYST Datasheet HTML 24Page - STMicroelectronics TSZ182IYST Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
TSZ182
Application information
DocID029836 Rev 1
21/39
5.2
Operating voltages
The TSZ182 device can operate from 2.2 to 5.5 V. The parameters are fully specified for
2.2 V, 3.3 V, and 5 V power supplies. However, the parameters are very stable in the full
VCC range and several characterization curves show the TSZ182 device characteristics at
2.2 V and 5.5 V. Additionally, the main specifications are guaranteed in extended
temperature ranges from -40 to 125 °C.
5.3
Input pin voltage ranges
The TSZ182 device has internal ESD diode protection on the inputs. These diodes are
connected between the input and each supply rail to protect the input MOSFETs from
electrical discharge.
If the input pin voltage exceeds the power supply by 0.5 V, the ESD diodes become
conductive and excessive current can flow through them. Without limitation this over
current can damage the device.
In this case, it is important to limit the current to 10 mA, by adding resistance on the input
pin, as described in Figure 50: "Input current limitation".
Figure 50: Input current limitation
5.4
Rail-to-rail input/output
The TSZ182 has a rail-to-rail input, and the input common mode range is extended from
(VCC-) - 0.1 V to (VCC+) + 0.1 V.
The operational amplifier output levels can go close to the rails: to a maximum of 40 mV
above and below the rail when connected to a 10
kΩ resistive load to VCC/2.
+
-
Vin
R
VCC+
VCC-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com