Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER16HN Datasheet(PDF) 5 Page - STMicroelectronics

Part # VIPER16HN
Description  Fixed frequency VIPer™ plus family
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER16HN Datasheet(HTML) 5 Page - STMicroelectronics

  VIPER16HN Datasheet HTML 1Page - STMicroelectronics VIPER16HN Datasheet HTML 2Page - STMicroelectronics VIPER16HN Datasheet HTML 3Page - STMicroelectronics VIPER16HN Datasheet HTML 4Page - STMicroelectronics VIPER16HN Datasheet HTML 5Page - STMicroelectronics VIPER16HN Datasheet HTML 6Page - STMicroelectronics VIPER16HN Datasheet HTML 7Page - STMicroelectronics VIPER16HN Datasheet HTML 8Page - STMicroelectronics VIPER16HN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
DocID15232 Rev 7
5/30
VIPER16
Pin settings
30
3
Pin settings
Figure 3. Connection diagram (top view)
Note:
The copper area for heat dissipation has to be designed under the DRAIN pins.
Table 3. Pin description
Pin N.
Name
Function
DIP-7
SO16
11-2
GND
Connected to the source of the internal power MOSFET and controller
ground reference.
-4
N.A.
Not available for user. This pin is mechanically connected to the
controller die pad of the frame. In order to improve the noise immunity,
is highly recommended connect it to GND (pin 1-2).
2
5
VDD
Supply voltage of the control section. This pin provides the charging
current of the external capacitor.
36
LIM
This pin allows setting the drain current limitation to a lower value
respect to IDlim, which is the default one. The limit can be reduced by
connecting an external resistor between this pin and GND. In case of
high electrical noise, a capacitor could be connected between this pin
and GND, the capacitor value must be lower than 470 nF in order to
not impact the functionality of the pin. The pin can be left open if
default drain current limitation, IDlim, is used.
47
FB
Inverting input of the internal trans conductance error amplifier.
Connecting the converter output to this pin through a single resistor
results in an output voltage equal to the error amplifier reference
voltage (see VFB_REF on Table 8). An external resistors divider is
required for higher output voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com