Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER22A-E Datasheet(PDF) 10 Page - STMicroelectronics

Part # VIPER22A-E
Description  Low power OFF-line SMPS primary switcher
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER22A-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VIPER22A-E Datasheet HTML 6Page - STMicroelectronics VIPER22A-E Datasheet HTML 7Page - STMicroelectronics VIPER22A-E Datasheet HTML 8Page - STMicroelectronics VIPER22A-E Datasheet HTML 9Page - STMicroelectronics VIPER22A-E Datasheet HTML 10Page - STMicroelectronics VIPER22A-E Datasheet HTML 11Page - STMicroelectronics VIPER22A-E Datasheet HTML 12Page - STMicroelectronics VIPER22A-E Datasheet HTML 13Page - STMicroelectronics VIPER22A-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Operations
VIPer22A-E, VIPer22ADIP-E, VIPer22AS-E
10/21
Doc ID 12050 Rev 2
Figure 6.
IFB transfer function
It is then possible to build the total DC transfer function between ID and IFB as shown on
Figure 6 on page 10
. This figure also takes into account the internal blanking time and its
associated minimum turn on time. This imposes a minimum drain current under which the
device is no more able to control it in a linear way. This drain current depends on the primary
inductance value of the transformer and the input voltage. Two cases may occur, depending
on the value of this current versus the fixed 85 mA value, as described above.
IFBsd
IDlim
IFB
t
ONmin
V
2
⋅
IN
L
-----------------------------------------
t
ONmin
V
1
⋅
IN
L
-----------------------------------------
85mA
IDpeak
0
Part masked by the IFBsd
threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com