Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPer22AS-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # VIPer22AS-E
Description  Low power OFF-line SMPS primary switcher
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPer22AS-E Datasheet(HTML) 1 Page - STMicroelectronics

  VIPer22AS-E Datasheet HTML 1Page - STMicroelectronics VIPer22AS-E Datasheet HTML 2Page - STMicroelectronics VIPer22AS-E Datasheet HTML 3Page - STMicroelectronics VIPer22AS-E Datasheet HTML 4Page - STMicroelectronics VIPer22AS-E Datasheet HTML 5Page - STMicroelectronics VIPer22AS-E Datasheet HTML 6Page - STMicroelectronics VIPer22AS-E Datasheet HTML 7Page - STMicroelectronics VIPer22AS-E Datasheet HTML 8Page - STMicroelectronics VIPer22AS-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
November 2010
Doc ID 12050 Rev 2
1/21
21
VIPer22A-E
VIPer22ADIP-E, VIPer22AS-E
Low power OFF-line SMPS primary switcher
Features
■ Fixed 60 kHz switching frequency
■ 9 V to 38 V wide range VDD voltage
■ Current mode control
■ Auxiliary undervoltage lockout with hysteresis
■ High voltage start-up current source
■ Overtemperature, overcurrent and overvoltage
protection with auto-restart
Description
The VIPer22A-E combines a dedicated current
mode PWM controller with a high voltage power
MOSFET on the same silicon chip.
Typical applications cover off line power supplies
for battery charger adapters, standby power
supplies for TV or monitors, auxiliary supplies for
motor control, etc. The internal control circuit
offers the following benefits:
Large input voltage range on the VDD pin
accommodates changes in auxiliary supply
voltage. This feature is well adapted to battery
charger adapter configurations.
Automatic burst mode in low load condition.
Overvoltage protection in HICCUP mode.
Figure 1.
Block diagram
Table 1.
Typical power capability
Mains type
SO-8
DIP-8
European (195 - 265 Vac)
12 W
20 W
US / wide range (85 - 265 Vac)
7 W
12 W
DIP-8
SO-8
ON/OFF
0.23 V
DRAIN
SOURCE
VDD
PWM
LATCH
60kHz
OSCILLATOR
BLANKING
+
_
8/14.5V
_
+
FF
S
R1
R4
Q
R3
FB
REGULATOR
INTERNAL
SUPPLY
OVERVOLTAGE
LATCH
OVERTEMP.
DETECTOR
1 k
Ω
42V
_
+
R2
FF
S
R
Q
230
Ω
www.st.com


Similar Part No. - VIPer22AS-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER22AS-E STMICROELECTRONICS-VIPER22AS-E Datasheet
304Kb / 20P
Low Power OFF-Line SMPS Primary Switcher
09-Feb-2006
VIPer22AS-E STMICROELECTRONICS-VIPer22AS-E Datasheet
392Kb / 21P
Low power OFF-line SMPS primary switcher
25-Nov-2010
More results

Similar Description - VIPer22AS-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER12ADIP STMICROELECTRONICS-VIPER12ADIP Datasheet
262Kb / 15P
LOW POWER OFF LINE SMPS PRIMARY SWITCHER
rev. A
VIPER22ADIP STMICROELECTRONICS-VIPER22ADIP Datasheet
262Kb / 15P
LOW POWER OFF LINE SMPS PRIMARY SWITCHER
rev. A
logo
Sanken electric
STR-A6100 SANKEN-STR-A6100 Datasheet
139Kb / 2P
LOW POWER OFF-LINE SMPS PRIMARY SWITCHER
logo
STMicroelectronics
VIPER12ADIP-E STMICROELECTRONICS-VIPER12ADIP-E Datasheet
452Kb / 21P
Low Power OFF-Line SMPS Primary Switcher
09-Jan-2006
VIPER22ADIP-E STMICROELECTRONICS-VIPER22ADIP-E Datasheet
304Kb / 20P
Low Power OFF-Line SMPS Primary Switcher
09-Feb-2006
VIPER22-LED-EV STMICROELECTRONICS-VIPER22-LED-EV Datasheet
392Kb / 21P
Low power OFF-line SMPS primary switcher
25-Nov-2010
logo
Orister Corporation
RS2012S ORISTER-RS2012S Datasheet
463Kb / 7P
Low Power OFF-Line SMPS Primary Switcher
RS2022P ORISTER-RS2022P Datasheet
455Kb / 7P
Low Power OFF-Line SMPS Primary Switcher
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312 Datasheet
1Mb / 10P
Low Power Primary Switcher for Off Line SMPS
logo
Guangdong Kexin Industr...
VIPER12A KEXIN-VIPER12A Datasheet
342Kb / 6P
Low Power Off Line SMPS Primary Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com