Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER27LN Datasheet(PDF) 9 Page - STMicroelectronics

Part # VIPER27LN
Description  Off-line high voltage converters
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER27LN Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VIPER27LN Datasheet HTML 5Page - STMicroelectronics VIPER27LN Datasheet HTML 6Page - STMicroelectronics VIPER27LN Datasheet HTML 7Page - STMicroelectronics VIPER27LN Datasheet HTML 8Page - STMicroelectronics VIPER27LN Datasheet HTML 9Page - STMicroelectronics VIPER27LN Datasheet HTML 10Page - STMicroelectronics VIPER27LN Datasheet HTML 11Page - STMicroelectronics VIPER27LN Datasheet HTML 12Page - STMicroelectronics VIPER27LN Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
VIPER27
Electrical data
Doc ID 15133 Rev 5
9/31
Figure 4.
Minimum turn-on time test circuit
Figure 5.
Brown out threshold test circuit
Figure 6.
OVP threshold test circuit
Note:
Adjust VDD above VDDon start-up threshold before settings to 14 V
14 V
3.5 V
50
Ω
30 V
GND
CONT
FB
VDD
DRAIN
BR
DRAIN
VDRAIN
IDRAIN
IDLIM
Time
Time
TONmin
90 %
10 %
GND
CONT
FB
VDD
DRAIN
BR
DRAIN
14 V
2 V
10 k
Ω
30 V
IBRhyst
VBRth+VBRhyst
VBRth
VBR
IBR
VDIS
IBRhyst
IDRAIN
Time
Time
Time
GND
CONT
FB
VDD
DRAIN
BR
DRAIN
VOVP
VCONT
VDRAIN
14 V
2 V
10 k
Ω
30 V
Time
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com