Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD7331 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ESD7331
Description  ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD7331 Datasheet(HTML) 3 Page - ON Semiconductor

  ESD7331 Datasheet HTML 1Page - ON Semiconductor ESD7331 Datasheet HTML 2Page - ON Semiconductor ESD7331 Datasheet HTML 3Page - ON Semiconductor ESD7331 Datasheet HTML 4Page - ON Semiconductor ESD7331 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ESD7331
www.onsemi.com
3
Figure 3. Reverse Leakage Current
Figure 4. Line Capacitance, f = 1 MHz
VR (V)
VBias (V)
1.E−11
1.E−10
1.E−09
1.E−08
1.E−07
1.E−06
1.E−05
1.E−04
1.E−03
1.E−12
−10
−6
−4
−2
0
2
4
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
Figure 5. RF Insertion Loss
Figure 6. Capacitance over Frequency
FREQUENCY (Hz)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.E+00
2.E+09
4.E+09
6.E+09
8.E+09 1.E+10
610
2
2.5
FREQUENCY (Hz)
−10
−9
−8
−7
−6
−5
−4
−3
−2
−1
1.E+07
1.E+08
1.E+09
1.E+10
0
1
Figure 7. Positive TLP I−V Curve
VCTLP (V)
0
2
4
6
8
10
12
14
16
18
22
04
8
12
16
20
Figure 8. Negative TLP I−V Curve
−8
8
0.7
0.8
0.9
1.0
2
6
10
14
18
20
VCTLP (V)
0
−2
−4
−6
−8
−10
−12
−14
−16
−18
−22
0
−4
−8
−12
−16
−20
−2
−6
−10
−14
−18
−20



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com