Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT45B1S Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT45B1S
Description  IGBT Driver with LDO and Voltage Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45B1S Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT45B1S Datasheet HTML 1Page - Holtek Semiconductor Inc HT45B1S Datasheet HTML 2Page - Holtek Semiconductor Inc HT45B1S Datasheet HTML 3Page - Holtek Semiconductor Inc HT45B1S Datasheet HTML 4Page - Holtek Semiconductor Inc HT45B1S Datasheet HTML 5Page - Holtek Semiconductor Inc HT45B1S Datasheet HTML 6Page - Holtek Semiconductor Inc HT45B1S Datasheet HTML 7Page - Holtek Semiconductor Inc HT45B1S Datasheet HTML 8Page - Holtek Semiconductor Inc HT45B1S Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev. 1.10
2
January 06, 2016
HT45B1S
therangespecifiedunder"AbsoluteMaximumRatings"maycausesubstantialdamagetothesedevices.
Functionaloperationofthesedevicesatotherconditionsbeyondthoselistedinthespecificationisnot
impliedandprolongedexposuretoextremeconditionsmayaffectdevicesreliability.
Pin Assignment
VDD
A
VCC2
VCC1
AX
VSS2
VSS1
NC
HT45B1S
8 SOP-A
1
2
3
4
8
7
6
5
Pin Description
Pin Name
Type
Description
A
I
Level shift input
There is a 20kΩ pull-low resistor internally connected to this pin.
AX
O
Level shift output
There is a 22kΩ pull-low resistor internally connected to this pin.
VCC1
PWR
LDO positive power supply pin
VCC2
PWR
Level shifter positive power supply pin
VDD
PWR
LDO voltage output
VSS1
PWR
LDO negative power supply pin, ground.
VSS2
PWR
Level shift and voltage detector negative power supply pin – ground.
NC
—
Not connected, can not be used.
Absolute Maximum Ratings
SupplyVoltage......................................................................................................................................-0.3Vto30.0V
StorageTemperature...........................-50°Cto125°C
OperatingTemperature.........................-40°Cto85°C
Note:Thesearestressratingsonly.Stressesexceeding



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com